Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC238 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC238
Description  3-to-8-line Decoder/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC238 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC238 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC238 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC238
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
150 —
190
ns
Select to Y
time
t
PHL
4.5
15
30
38
6.0
26
33
2.0
150 —
190
ns
Enable to Y
4.5
13
30
38
6.0
26
33
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC238 RENESAS-HD74HC238 Datasheet
99Kb / 7P
   3-to-8-line Decoder/Demultiplexer
HD74HC238FPEL RENESAS-HD74HC238FPEL Datasheet
99Kb / 7P
   3-to-8-line Decoder/Demultiplexer
HD74HC238FPEL RENESAS-HD74HC238FPEL Datasheet
120Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74HC238P RENESAS-HD74HC238P Datasheet
99Kb / 7P
   3-to-8-line Decoder/Demultiplexer
HD74HC238P RENESAS-HD74HC238P Datasheet
120Kb / 9P
   3-to-8-line Decoder/Demultiplexer
More results

Similar Description - HD74HC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com