Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEUED2C101S Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUED2C101S
Description  Aluminum Electrolytic Capacitors/ ED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUED2C101S Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUED2C101S Datasheet HTML 1Page - Panasonic Semiconductor EEUED2C101S Datasheet HTML 2Page - Panasonic Semiconductor EEUED2C101S Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
– EE200 – sn –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(100 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
Endur-
ance
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
(hours)
(mm)
(mm)
(mm)
(pcs.)
(pcs.)
160
22
10
20
500
0.15
8000
0.6
5.0
5.0
EEUED2C220( )
200
500
33
10
20
580
0.15
8000
0.6
5.0
5.0
EEUED2C330( )
200
500
47
10
20
750
0.15
8000
0.6
5.0
5.0
EEUED2C470( )
200
500
68
12.5
20
9500.1510000
0.6
5.0
5.0
EEUED2C680( )
200
500
82
12.5
25
1060
0.15
10000
0.6
5.0
5.0
EEUED2C820( )
200
500
100
12.5
25
1170
0.15
10000
0.6
5.0
5.0
EEUED2C101( )
200
500
16
20
1280
0.15
10000
0.8
7.5
7.5
EEUED2C101S( )
100
250
150
16
25
1400
0.15
10000
0.8
7.5
7.5
EEUED2C151( )
100
250
18
20
1400
0.15
10000
0.8
7.5
7.5
EEUED2C151S( )
100
250
220
16
31.5
1700
0.15
10000
0.8
7.5
EEUED2C221
100
18
25
1500
0.15
10000
0.8
7.5
7.5
EEUED2C221S( )
100
250
3301831.52000
0.15
10000
0.8
7.5
EEUED2C331
50
200
22
10
20
600
0.15
8000
0.6
5.0
5.0
EEUED2D220( )
200
500
33
10
20
650
0.15
8000
0.6
5.0
5.0
EEUED2D330( )
200
500
47
12.5
20
7900.1510000
0.6
5.0
5.0
EEUED2D470( )
200
500
68
12.5
25
9500.1510000
0.6
5.0
5.0
EEUED2D680( )
200
500
16
20
1000
0.15
10000
0.8
7.5
7.5
EEUED2D680S( )
100
250
82
16
20
1100
0.15
10000
0.8
7.5
7.5
EEUED2D820S( )
100
250
100
16
25
1300
0.15
10000
0.8
7.5
7.5
EEUED2D101( )
100
250
18
20
1280
0.15
10000
0.8
7.5
7.5
EEUED2D101S( )
100
250
150162514000.1510000
0.8
7.5
7.5
EEUED2D151( )
100
250
2201831.52000
0.15
10000
0.8
7.5
EEUED2D221
50
330184024000.1510000
0.8
7.5
EEUED2D331
50
250
22
10
20
560
0.15
8000
0.6
5.0
5.0
EEUED2E220( )
200
500
33
12.5
20
7100.1510000
0.6
5.0
5.0
EEUED2E330( )
200
500
47
12.5
25
9200.1510000
0.6
5.0
5.0
EEUED2E470( )
200
500
16
20
9900.1510000
0.8
7.5
7.5
EEUED2E470S( )
100
250
68
16
20
1000
0.15
10000
0.8
7.5
7.5
EEUED2E680S( )
100
250
82
16
25
1200
0.15
10000
0.8
7.5
7.5
EEUED2E820( )
100
250
18
20
1200
0.15
10000
0.8
7.5
7.5
EEUED2E820S( )
100
250
100
16
31.5
1500
0.15
10000
0.8
7.5
EEUED2E101
100
18
25
1500
0.15
10000
0.8
7.5
7.5
EEUED2E101S( )
100
250
1501831.518000.1510000
0.8
7.5
EEUED2E151
50
220184021000.1510000
0.8
7.5
EEUED2E221
50
350
10
10
20
350
0.20
8000
0.6
5.0
5.0
EEUED2V100( )
200
500
22
12.5
20
4800.2010000
0.6
5.0
5.0
EEUED2V220( )
200
500
33
16
20
6400.2010000
0.8
7.5
7.5
EEUED2V330S( )
100
250
47
16
25
8000.2010000
0.8
7.5
7.5
EEUED2V470( )
100
250
18
20
8000.2010000
0.8
7.5
7.5
EEUED2V470S( )
100
250
68
16
31.5
1100
0.20
10000
0.8
7.5
EEUED2V680
100
18
25
1000
0.20
10000
0.8
7.5
7.5
EEUED2V680S( )
100
250
82
18
25
1100
0.20
10000
0.8
7.5
7.5
EEUED2V820S( )
100
250
1001831.512000.2010000
0.8
7.5
EEUED2V101
50
Endurance : 105 °C
φ10=8000 h, φ12.5 to φ18=10000 h
When requesting taped product, please put the letter "B" between the "( )". Lead wire pitch B=5 mm, 7.5 mm.
The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide.
Oct. 2008
01


Similar Part No. - EEUED2C101S

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
EEUED2C101S PANASONICBATTERY-EEUED2C101S Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
Panasonic Semiconductor
EEUED2C101S PANASONIC-EEUED2C101S Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEUED2C101S PANASONIC-EEUED2C101S Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C101S PANASONIC-EEUED2C101S Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2C101SB PANASONIC-EEUED2C101SB Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EEUED2C101S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com