Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC20 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC20
Description  Dual 4-input NAND Gates
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC20 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC20 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC20 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HD74HC20
Dual 4-input NAND Gates
Features
• High Speed Operation: t
pd = 9 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
14
13
12
11
10
9
8
(Top view)


Similar Part No. - HD74HC20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC20 RENESAS-HD74HC20 Datasheet
91Kb / 7P
   Dual 4-input NAND Gates
HD74HC20FPEL RENESAS-HD74HC20FPEL Datasheet
91Kb / 7P
   Dual 4-input NAND Gates
HD74HC20P RENESAS-HD74HC20P Datasheet
91Kb / 7P
   Dual 4-input NAND Gates
HD74HC20RPEL RENESAS-HD74HC20RPEL Datasheet
91Kb / 7P
   Dual 4-input NAND Gates
HD74HC20TELL RENESAS-HD74HC20TELL Datasheet
91Kb / 7P
   Dual 4-input NAND Gates
More results

Similar Description - HD74HC20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_11 Datasheet
127Kb / 8P
   Dual 4-Input NAND Gates
June, 2011 ??Rev. 9
logo
Unisonic Technologies
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
U74HCT20 UTC-U74HCT20 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
logo
Texas Instruments
54LS20J TI1-54LS20J Datasheet
336Kb / 8P
[Old version datasheet]   Dual 4-Input NAND Gates
logo
Unisonic Technologies
U74HC20 UTC-U74HC20 Datasheet
172Kb / 5P
   DUAL 4-INPUT NAND GATES
U74AHC2G125 UTC-U74AHC2G125_15 Datasheet
160Kb / 4P
   DUAL 4-INPUT NAND GATES
U74HC20 UTC-U74HC20_15 Datasheet
191Kb / 5P
   DUAL 4-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS20 AEROFLEX-UT54ACS20 Datasheet
229Kb / 9P
   Dual 4-Input NAND Gates
logo
National Semiconductor ...
54LS20 NSC-54LS20 Datasheet
124Kb / 6P
   Dual 4-Input NAND Gates
logo
ON Semiconductor
MC14012B ONSEMI-MC14012B_14 Datasheet
105Kb / 7P
   Dual 4-Input NAND Gates
July, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com