Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP30G120BSW-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP30G120BSW-HF
Description  High Speed Switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP30G120BSW-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP30G120BSW-HF_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP30G120BSW-HF_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP30G120BSW-HF_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP30G120BSW-HF_14 Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP30G120BSW-HF
Fig 7. SOA Characteristics
Fig 8. Effective Transient Thermal
Impedance
Fig 9. Saturation Voltage vs. VGE
Fig 10. Saturation Voltage vs. VGE
Fig11. Forward Characteristic of
Fig 12. Gate Charge Characterisitics
Diode
3
0
4
8
12
16
0
20406080
Q G , Gate Charge (nC)
I C =30 A
V CC =500V
0
2
4
6
8
10
04
8
12
16
20
V GE , Gate-Emitter Voltage(V)
I C =60 A
T C =25
o C
0
2
4
6
8
10
0
4
8
12
16
20
V GE , Gate-Emitter Voltage(V)
T C = 150
o C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
0
0.8
1.6
2.4
3.2
V F , Forward Voltage (V)
T j =25
o C
T j =150
o C
I C =30 A
I C =15 A
I C =60 A
I C =30 A
I C =15 A
0.01
0.1
1
10
100
1000
1
10
100
1000
10000
V CE ,Collector - Emitter Voltage(V)
T c =25
o C
Single Pulse
10us
100us
1ms
10ms


Similar Part No. - AP30G120BSW-HF_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP30G120BSW-HF A-POWER-AP30G120BSW-HF Datasheet
104Kb / 4P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results

Similar Description - AP30G120BSW-HF_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
   High Speed Switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
   High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
   High-Speed Switching
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
   High Speed Switching
logo
Kersemi Electronic Co.,...
2SA1486 KERSEMI-2SA1486 Datasheet
495Kb / 2P
   High speed switching
logo
KEC(Korea Electronics)
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
   High speed switching
logo
Toshiba Semiconductor
SSM6K31FE TOSHIBA-SSM6K31FE Datasheet
99Kb / 3P
   High speed switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
   High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
   High speed switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
   HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com