Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A205 Datasheet(PDF) 1 Page - C&K Components

Part # A205
Description  Multi-pole and multi-position
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

A205 Datasheet(HTML) 1 Page - C&K Components

  A205 Datasheet HTML 1Page - C&K Components A205 Datasheet HTML 2Page - C&K Components A205 Datasheet HTML 3Page - C&K Components A205 Datasheet HTML 4Page - C&K Components A205 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Models Available
A Series
1-4 Pole Rotary Switches
Features/Benefits
Multi-pole and multi-position
Positive detent
Shorting & non-shorting contacts
Panel and PCB mounting
RoHS Compliant
Typical Applications
Automotive
Major and small appliances
Industrial equipment
Specifications
CONTACT RATING: Q contact material: Switch - 2.5 AMPS @
125 V AC; 350 mA @ 125 V DC (UL/CSA). Carry - 5 AMPS
continuous. See page L-6 for additional ratings.
ELECTRICAL LIFE: 15,000 make-and-break cycles at full load up
to 300,000 detent operations.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 10 9
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
Operating and storage temp: -30º to 85ºC
OPERATING & STORAGE TEMPERATURE: -30ºC to 85ºC
NOTE: Any models supplied with Q, B or G contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
HOUSING & BUSHING: Glass filled 6/6 nylon (UL 94V-0).
ACTUATOR: Glass filled 6/6 nylon (UL 94V-0).
MOVABLE CONTACTS: Q contact material: Coin silver, silver plated.
See page K-6 for additional contact materials.
STATIONARY CONTACTS & TERMINALS: Q contact material: Brass,
silver plated. See page K-6 for additional contact materials.
HARDWARE: Nut - zinc, nickel plated. Lockwasher — steel, bright
zinc plated. Stop Ring - brass, nickel plated.
TERMINAL SEAL: Epoxy.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K–4 through K–7. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
A100 SP, 30° Index, 12 pos. no stops
A102 SPDT, 30° Index
A103 SP, 30° Index, 3 pos.
A104 SP, 30° Index, 4 pos.
A105 SP, 30° Index, 5 pos.
A106 SP, 30° Index, 6 pos.
A107 SP, 30° Index, 7 pos.
A108 SP, 30° Index, 8 pos.
A109 SP, 30° Index, 9 pos.
A110 SP, 30° Index, 10 pos.
A112 SP, 30° Index, 12 pos.
A114 SP, 90° Index, 2 pos.
A115 SP, 45° Index, 3 pos.
A124 SP, 90° Index, 4 pos.
A125 SP, 45° Index, 8 pos.
A203 DP, 30° Index, 3 pos.
A204 DP, 30° Index, 4 pos.
A205 DP, 30° Index, 5 pos.
A206 DP, 30° Index, 6 pos.
A214 DP, 90° Index, 2 pos.
A303 3P, 30° Index, 3 pos.
A304 3P, 30° Index, 4 pos.
A402 4PDT, 30° Index
A403 4P, 30° Index, 3 pos
Contact Material
Q Silver
B Gold
G Gold over silver
Actuator
15 1.500" high, flatted
03 .375" high, flatted
05 .500" high, flatted
14 1.500" high, flatted
42 1.654" high, metric
S1 Screwdriver Slot
Shorting/
Non-shorting Contacts
N Non-shorting contacts
S Shorting contacts
(Not available with models A114, A124 & A214)
Terminations
Z Solder lug
C PC Thru-hole
MC Modular base
Seal
NONE No seal
E Epoxy seal
F
Splashproof bushing seal
K Epoxy & splashproof bushing seal
Mounting Style
R 3/8-32 threaded
M M10 x .75 metric
K–3
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
K


Similar Part No. - A205

ManufacturerPart #DatasheetDescription
logo
C&K Components
A205 CK-COMPONENTS-A205 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A205 CK-COMPONENTS-A205 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
A205 CK-COMPONENTS-A205 Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A205 CK-COMPONENTS-A205 Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A205 CK-COMPONENTS-A205 Datasheet
299Kb / 5P
   Multi-pole and multi-position
More results

Similar Description - A205

ManufacturerPart #DatasheetDescription
logo
C&K Components
7105L40YZBE CK-COMPONENTS-7105L40YZBE Datasheet
1Mb / 14P
   Multi-pole and multi-position
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
7105T1ZQE CK-COMPONENTS-7105T1ZQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
A10403RNCQ CK-COMPONENTS-A10403RNCQ Datasheet
299Kb / 5P
   Multi-pole and multi-position
PB-22D01-L CK-COMPONENTS-PB-22D01-L Datasheet
319Kb / 8P
   Single Pole and Multi-Key Pushbutton Switches
logo
Coto Technology
2332-05-000 COTO-2332-05-000 Datasheet
280Kb / 2P
   Multi-Pole Reed Relays
logo
TT Electronics.
SX-4404 TTELEC-SX-4404 Datasheet
811Kb / 4P
   LH3 Torque & Multi-Turn Position Sensor
SX-4472 TTELEC-SX-4472 Datasheet
764Kb / 4P
   LH3 Torque & Multi-turn Position Sensor
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
   Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
TT Electronics.
SX-4487 TTELEC-SX-4487 Datasheet
809Kb / 4P
   LH3 Torque & Multi-turn Position Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com