Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL2N3-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL2N3-G
Description  Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2N3-G Datasheet(HTML) 2 Page - Supertex, Inc

  CL2N3-G Datasheet HTML 1Page - Supertex, Inc CL2N3-G Datasheet HTML 2Page - Supertex, Inc CL2N3-G Datasheet HTML 3Page - Supertex, Inc CL2N3-G Datasheet HTML 4Page - Supertex, Inc CL2N3-G Datasheet HTML 5Page - Supertex, Inc CL2N3-G Datasheet HTML 6Page - Supertex, Inc CL2N3-G Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
CL2
Supertex inc.
www.supertex.com
Doc.# DSFP-CL2
C071012
Absolute Maximum Ratings
Parameter
Value
Operating voltage, V
A-B
100V
Operating junction temperature, T
j
-40°C to +125°C
Storage temperature, T
S
-55°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to device ground.
Typical Thermal Characteristics
Package
Power Dissipation
@T
A = 25
O
C
(W)
θ
ja
(OC/W)
TO-252
2.0*
81*
TO-92
0.6
132
TO-243AA
1.3*
133*
Pin Configurations
* Mounted on FR4 board; 25mm x 25mm x 1.57mm
Sym
Parameter
Min
Typ
Max
Units Conditions
V
A-B
Operating voltage
5.0
-
90
V
---
I
A-B
Current regulation
18.0
20
22
mA
V
A-B = 5.0V - 90V
ΔI
A-B/ΔT
I
A-B temperature coefficient
-
0.01
-
%/OC V
A-B = 45V, Tj = -40
O
C to +100OC
T
j
Operating junction temperature
-40
-
125
O
C
---
R
A-B
Dynamic resistance
-
300
-
---
Electrical Characteristics (T
A = 25°C unless otherwise specified)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL2
LLLLLLL
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si
CL
2
YYW W
CL2W
W = Code for week sealed
= “Green” Packaging
TO-252 (D-PAK) (K4)
TO-92 (N3)
TO-92 (N3)
TO-243AA (SOT-89) (N8)
TO-252 (D-PAK) (K4)
TO-243AA (SOT-89) (N8)
Product Marking
NC
VA
VB
VA
N/C
VB
VA
N/C
VB
VB
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
-G indicates package is RoHS compliant (‘Green’)
Refer to ‘P0xx’ Tape & Reel Specs for P002, P003, P005, P013, and P014 TO-
92 Taping Specifications and Winding Styles
Part Number
Package Options
Packing
CL2K4-G
TO-252 (D-PAK)
2000/Reel
CL2N3-G
TO-92
1000/Bag
CL2N3-G P002
TO-92
2000/Reel
CL2N3-G P003
TO-92
2000/Reel
CL2N3-G P005
TO-92
2000/Reel
CL2N3-G P013
TO-92
2000/Reel
CL2N3-G P014
TO-92
2000/Reel
CL2N8-G
TO-243AA (SOT-89)
2000/Reel
Ordering Information


Similar Part No. - CL2N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2N3-G SUTEX-CL2N3-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2N3-G MICROCHIP-CL2N3-G Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
CL2N3-G-P002 MICROCHIP-CL2N3-G-P002 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
Supertex, Inc
CL2N3-GP002 SUTEX-CL2N3-GP002 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N3-GP003 SUTEX-CL2N3-GP003 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
More results

Similar Description - CL2N3-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
   Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
   Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
   Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
   LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com