Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

781XAXC-120A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 781XAXC-120A
Description  Advantages of a Full Featured 700 Series Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

781XAXC-120A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  781XAXC-120A Datasheet HTML 1Page - List of Unclassifed Manufacturers 781XAXC-120A Datasheet HTML 2Page - List of Unclassifed Manufacturers 781XAXC-120A Datasheet HTML 3Page - List of Unclassifed Manufacturers 781XAXC-120A Datasheet HTML 4Page - List of Unclassifed Manufacturers 781XAXC-120A Datasheet HTML 5Page - List of Unclassifed Manufacturers 781XAXC-120A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Isolated Input and
Output Terminals
Separates Control
Circuits from Load Circuits.
Flag Indicator
Shows Relay Status
in Manual or Powered
Condition.
Slim Design
Minimizes Space
on DIN Rail.
Finger-Safe
Protects Operators
from Live Circuits.
2-Way Side or DIN
Rail Mounting System
Retrofits Existing Panel
Mounting and 35mm DIN Rail.
Mating Hold-Down
Clip Available
Safely Secures
Relay to Socket.
Finger Grip Cover
Easy Removal of Relay
from Socket.
Contact Viewing Window
Shows Position of Contacts.
Optional Bi-Polar LED Status Lamp
Shows Coil “ON” or “OFF” Status.
I.D. Tag/Write-On
Plastic Label
Used for Identification
of Relays in Multi-Relay
Circuits.
Module Compatible
Allows for Optional
Protection or LED Modules
to be Used With Sockets.
Gold Flashed Contacts
Prevents Premature Oxidation
and Increases Shelf-life.
The Complete
System
Solution!
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
1/5


Similar Part No. - 781XAXC-120A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
781XAXC-240A ETC2-781XAXC-240A Datasheet
303Kb / 5P
   700 SERIES ICE CUBE POWER RELAYS
781XAXC-24D ETC2-781XAXC-24D Datasheet
303Kb / 5P
   700 SERIES ICE CUBE POWER RELAYS
More results

Similar Description - 781XAXC-120A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
logo
Analog Devices
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
   Full featured evaluation board
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
[Old version datasheet]   Full-featured evaluation board
logo
Analog Devices
UG-515 AD-UG-515 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-459 AD-UG-459 Datasheet
787Kb / 12P
   Full-featured evaluation board
UG-572 AD-UG-572 Datasheet
1Mb / 20P
   Full featured evaluation board
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
Texas Instruments
AMC1204EVM TI1-AMC1204EVM Datasheet
117Kb / 9P
[Old version datasheet]   Full-featured evaluation module
logo
Analog Devices
UG-490 AD-UG-490 Datasheet
2Mb / 28P
   Full-featured evaluation board
UG-532 AD-UG-532 Datasheet
421Kb / 12P
   Full-featured evaluation board
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com