Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNK5N07FM Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNK5N07FM
Description  fully autoprotected Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNK5N07FM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNK5N07FM Datasheet HTML 3Page - STMicroelectronics VNK5N07FM Datasheet HTML 4Page - STMicroelectronics VNK5N07FM Datasheet HTML 5Page - STMicroelectronics VNK5N07FM Datasheet HTML 6Page - STMicroelectronics VNK5N07FM Datasheet HTML 7Page - STMicroelectronics VNK5N07FM Datasheet HTML 8Page - STMicroelectronics VNK5N07FM Datasheet HTML 9Page - STMicroelectronics VNK5N07FM Datasheet HTML 10Page - STMicroelectronics VNK5N07FM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VND5N07
Electrical specifications
7/24
2.3
Electrical characteristics
Tcase = 25°C unless otherwise stated.
Table 4.
Off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-Source clamp
voltage
VIN = 0V; ID = 200mA
60
70
80
V
VCLTH
Drain-Source
threshold voltage
VIN = 0V; ID = 2mA
55
V
IISS
Supply current from
input pin
VDS = 0V; VIN = 10V
250
500
µA
VINCL
Input-Source reverse
clamp voltage
IIN = 1mA
-1.0
-0.3
V
IDSS
Zero input voltage
drain current
(VIN=0V)
VDS = 13V; VIN = 0V;
VDS = 25V; VIN = 0V
50
200
µA
µA
Table 5.
On(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDS(on)
Static Drain-Source
on resistance
VIN =10V; ID = 2.5A;
VIN = 5V; ID = 2.5A
200
280
m
VIN(th)
Input threshold
voltage
VDS = Vin; ID + Iin = 1 mA
0.8
3
V
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
Forward
transconductance
VDS = 13V; ID = 2.5A
3
4
S
COSS
Output capacitance
VDS = 13V; f = 1MHz; VIN = 0V
200
300
pF
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VNK5N07FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNK5N07FM STMICROELECTRONICS-VNK5N07FM Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VNK5N07FM STMICROELECTRONICS-VNK5N07FM Datasheet
507Kb / 24P
   OMNIFET IIfully autoprotected Power MOSFET
More results

Similar Description - VNK5N07FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND10N06 STMICROELECTRONICS-VND10N06 Datasheet
510Kb / 25P
   fully autoprotected Power MOSFET
VNP10N07-E STMICROELECTRONICS-VNP10N07-E Datasheet
376Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VNH50N04 STMICROELECTRONICS-VNH50N04 Datasheet
94Kb / 7P
   FULLY AUTOPROTECTED POWER MOSFET
VNB10N07-E STMICROELECTRONICS-VNB10N07-E Datasheet
399Kb / 14P
   FULLY AUTOPROTECTED POWER MOSFET
VNP35NV04-E STMICROELECTRONICS-VNP35NV04-E Datasheet
310Kb / 19P
   FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04TR-E STMICROELECTRONICS-VNN3NV04TR-E Datasheet
469Kb / 26P
   fully autoprotected Power MOSFET
VND7N04-E STMICROELECTRONICS-VND7N04-E Datasheet
602Kb / 18P
   Fully autoprotected power MOSFET
VNS3NV04P-E STMICROELECTRONICS-VNS3NV04P-E Datasheet
287Kb / 22P
   fully autoprotected Power MOSFET
VNP28N04-E STMICROELECTRONICS-VNP28N04-E Datasheet
374Kb / 11P
   FULLY AUTOPROTECTED POWER MOSFET
VNW50N04A STMICROELECTRONICS-VNW50N04A_04 Datasheet
307Kb / 12P
   FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com