Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QST4 Datasheet(PDF) 1 Page - Rohm

Part # QST4
Description  Low frequency amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

QST4 Datasheet(HTML) 1 Page - Rohm

  QST4 Datasheet HTML 1Page - Rohm QST4 Datasheet HTML 2Page - Rohm QST4 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QST4
Transistors
Rev.C
1/2
Low frequency amplifier
QST4
Application
Low frequency amplifier
Driver
Features
1) A collector current is large.
2) VCE(sat) : max.
−250mV
At IC=
−1.5A / IB=−30mA
External dimensions (Unit : mm)
1.6
2.8
ROHM : TSMT6
QST4
Abbreviated symbol : T04
Each lead has same dimensions
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
−15
−12
−6
−3
500
150
−55 to +150
−6
∗1
Unit
V
V
V
A
A
mW
°C
°C
∗2
1.25
W ∗3
Each Termminal Mounted on a Recommended
∗1
∗2
∗3
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Single pulse, PW
=1ms
Mounted on a 25mm
×25mm× 0.8mm Ceramic substrate
t
Equivalent circuit
(4)
(5)
(6)
(1)
(2)
(3)
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=−10V, IE=0A, f=1MHz
fT
280
MHz
VCE
=−2V, IE=500mA, f=100MHz
BVCBO
−15
−−
V
IC
=−10µA
BVCEO
−12
−−
V
IC
=−1mA
BVEBO
−6
−−
V
IE
=−10µA
ICBO
−−
−100
nA
VCB
=−15V
IEBO
−−
−100
nA
VEB
=−6V
VCE(sat)
−−120
−250
mV
IC
=−1.5A, IB=−30mA
hFE
270
680
VCE
=−2V, IC=−500mA
Cob
30
pF
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Collector output capacitance
∗ Pulsed


Similar Part No. - QST4

ManufacturerPart #DatasheetDescription
logo
Rohm
QST4 ROHM-QST4 Datasheet
67Kb / 3P
   Low frequency amplifier
More results

Similar Description - QST4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
   Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
   Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
   LOW FREQUENCY AMPLIFIER
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
   Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
   LOW FREQUENCY AMPLIFIER
logo
Rohm
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
   Low frequency amplifier
2SD2653 ROHM-2SD2653_1 Datasheet
96Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700_1 Datasheet
97Kb / 3P
   Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
   Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
   Low Frequency Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com