Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACR-0683-2510 Datasheet(PDF) 2 Page - Applied Concepts Inc.

Part # ACR-0683-2510
Description  TRI-BANK LED RAIL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACR-0683-2510 Datasheet(HTML) 2 Page - Applied Concepts Inc.

  ACR-0683-2510 Datasheet HTML 1Page - Applied Concepts Inc. ACR-0683-2510 Datasheet HTML 2Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Tled
Operating temperature of LED edge light (light rail contact)
-30 to +85
Deg-C
Tstg
LED Rail storage temperature
-40 to +100
Deg-C
Ifwd
Maximum LED forward current (DC)
112
mA
LED OPTICAL CHARACTERISTICS
LED Manufacturer specifications for reference purpose only
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
BL
LED Brightness
Ifwd = 93mA
21.4
cd
X
White X coordinate
0.270
Y
White Y coordinate
0.260
LED RAIL ELECTRICAL CHARACTERISTICS
Ifwd = 93.3mA (3 bank per rail), Tled = +75Deg-C (LED s heat sinking to the display)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vfwd
LED rail forward voltage drop
61
68
75
Vdc
TYPICAL LED RAIL PERFORMANCE GRAPHS
Rail Voltage & Pow er vs. LED drive current
(Ta = +25Deg-C)
0.00
20.00
40.00
60.00
80.00
0
20
40
60
80
100
LED current (mA)
0.0
4.0
8.0
12.0
16.0
20.0
Rail Voltage
Rail Pow er
ACR-0683-2510
PRODUCT DATA SHEET PAGE 2 OF 2
09/12/2014
397 Route 281
Tully, New York 13159-1175
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACR-0683-2510

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0684-2456 ACIPOWER-ACR-0684-2456 Datasheet
279Kb / 2P
   QUAD BANK LED RAIL
More results

Similar Description - ACR-0683-2510

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACR-0833-2248 ACIPOWER-ACR-0833-2248 Datasheet
322Kb / 2P
   TRI BANK LED RAIL
ACR-0853-2008 ACIPOWER-ACR-0853-2008 Datasheet
265Kb / 2P
   TRI BANK LED RAIL
ACR-0853-2583 ACIPOWER-ACR-0853-2583 Datasheet
310Kb / 2P
   TRI BANK LED RAIL
ACR-0803-2050 ACIPOWER-ACR-0803-2050 Datasheet
264Kb / 2P
   TRI BANK LED RAIL
ACR-0671-1989 ACIPOWER-ACR-0671-1989 Datasheet
252Kb / 2P
   SINGLE BANK LED RAIL
ACR-0621-1805 ACIPOWER-ACR-0621-1805 Datasheet
254Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1714 ACIPOWER-ACR-0801-1714 Datasheet
121Kb / 2P
   SINGLE BANK LED RAIL
ACR-0801-1849 ACIPOWER-ACR-0801-1849 Datasheet
256Kb / 2P
   SINGLE BANK LED RAIL
ACR-0834-2324 ACIPOWER-ACR-0834-2324 Datasheet
290Kb / 2P
   QUAD BANK LED RAIL
ACR-0534-2413 ACIPOWER-ACR-0534-2413 Datasheet
285Kb / 2P
   QUAD BANK LED RAIL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com