Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U10A6CID Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # U10A6CID
Description  10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U10A6CID Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U10A6CID Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U10A6CID Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5.0
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
U10A2CID
U10A4CID
U10A6CID
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04
®
U10A2CID thru U10A6CID


Similar Part No. - U10A6CID

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
U10A6CI KEC-U10A6CI Datasheet
351Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
U10A6CIA THINKISEMI-U10A6CIA Datasheet
628Kb / 2P
   10.0 Ampere Insulated Common Anode Ultra Fast Recovery Diodes
U10A6CIC THINKISEMI-U10A6CIC Datasheet
617Kb / 2P
   10.0 Ampere Insulated Common Cathode Ultra Fast Recovery Diodes
logo
KEC(Korea Electronics)
U10A6CIC KEC-U10A6CIC Datasheet
352Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER DIODE
More results

Similar Description - U10A6CID

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SDURF1020CTD THINKISEMI-SDURF1020CTD_V01 Datasheet
273Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
F1B2CDI THINKISEMI-F1B2CDI Datasheet
627Kb / 2P
   10.0 Ampere Insulated Dual Tandem Polarity Fast Recovery Rectifiers
SDURF1520CTD THINKISEMI-SDURF1520CTD_V01 Datasheet
271Kb / 2P
   15.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF3020CTD THINKISEMI-SDURF3020CTD_V01 Datasheet
275Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF3020CTD THINKISEMI-SDURF3020CTD Datasheet
764Kb / 2P
   30.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF2020CTD THINKISEMI-SDURF2020CTD_V01 Datasheet
272Kb / 2P
   20.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SDURF1620CTD THINKISEMI-SDURF1620CTD_V01 Datasheet
271Kb / 2P
   16.0 Ampere Insulated Dual Tandem Polarity Ultra Fast Recovery Rectifiers
SF104D THINKISEMI-SF104D Datasheet
620Kb / 2P
   10.0 Ampere Dual Tandem Polarity Super Fast Recovery Rectifier
MURF1020CD THINKISEMI-MURF1020CD Datasheet
283Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
URF1020D THINKISEMI-URF1020D Datasheet
287Kb / 2P
   10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com