Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD74HC132 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part No. HD74HC132
Description  Quad. 2-input NAND Schmitt Triggers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

   
 3 page
background image
HD74HC132
3
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
100 —
125
ns
time
4.5
8
20
25
6.0
17
21
t
PHL
2.0
100 —
125
ns
4.5
11
20
25
6.0
17
21
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTexas Instruments
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
TC4093BPQUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 Toshiba Semiconductor
SL4093BQuad 2-Input NAND Schmitt Triggers 1 2 3 4 5 System Logic Semiconductor
CD4093BMSCMOS Quad 2-Input NAND Schmitt Triggers 1 2 3 4 5 MoreIntersil Corporation
IW4093BQuad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC01Quad. 2-input NAND Gates with open drain outputs 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl