Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD74HC132 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part No. HD74HC132
Description  Quad. 2-input NAND Schmitt Triggers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

   
 2 page
background image
HD74HC132
2
Logic Diagram (1/4)
A
B
Y
DC Characteristics
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Threshold voltage
V
T+
2.0
0.8
1.5
0.8
1.5
V
4.5
2.25 —
3.15 2.25
3.15
6.0
3.0
4.2
3.0
4.2
V
T–
2.0
0.2
1.0
0.2
1.0
V
4.5
0.9
2.25 0.9
2.25
6.0
1.2
3.0
1.2
3.0
Hysteresis voltage V
H
2.0
0.2
1.2
0.2
1.2
V
4.5
0.4
2.25 0.4
2.25
6.0
0.6
3.0
0.6
3.0
Output voltage
V
OH
2.0
1.9
2.0
1.9
V
Vin = V
IH or VIL
I
OH = –20 µA
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
4.5
4.18 —
4.13
I
OH = –4 mA
6.0
5.68 —
5.63
I
OH = –5.2 mA
V
OL
2.0
0.0
0.1
0.1
V
Vin = V
IH or VIL
I
OL = 20 µA
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
4.5
0.26 —
0.33
I
OL = 4 mA
6.0
0.26 —
0.33
I
OL = 5.2 mA
Input current
Iin
6.0
±0.1 —
±1.0 µA
Vin = V
CC or GND
Quiescent supply
current
I
CC
6.0
1.0
10
µA
Vin = V
CC or GND, Iout = 0 µA




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTI store
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
TC4093BPQUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 Toshiba Semiconductor
SL4093BQuad 2-Input NAND Schmitt Triggers 1 2 3 4 5 System Logic Semiconductor
CD4093BMSCMOS Quad 2-Input NAND Schmitt Triggers 1 2 3 4 5 MoreIntersil Corporation
IW4093BQuad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC01Quad. 2-input NAND Gates with open drain outputs 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl