Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HD74HC132 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HD74HC132
Description  Quad. 2-input NAND Schmitt Triggers
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

   
 1 page
background image
HD74HC132
Quad. 2-input NAND Schmitt Triggers
Features
• High Speed Operation: t
pd = 9.5 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 1 µA max (Ta = 25°C)
Pin Arrangement
1
2
3
4
5
6
7
1A
1B
1Y
2A
2B
2Y
GND
14
13
12
11
10
9
8
VCC
4B
4A
4Y
3B
3A
3Y
(Top view)




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTI store
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
TC4093BPQUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 Toshiba Semiconductor
SL4093BQuad 2-Input NAND Schmitt Triggers 1 2 3 4 5 System Logic Semiconductor
CD4093BMSCMOS Quad 2-Input NAND Schmitt Triggers 1 2 3 4 5 MoreIntersil Corporation
IW4093BQuad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74ALVC132Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs 1 2 3 4 5 Fairchild Semiconductor
MM74HC132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreFairchild Semiconductor
HD74HC01Quad. 2-input NAND Gates with open drain outputs 1 2 3 4 5 MoreHitachi Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl