Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC131 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HD74HC131
Description  3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC131 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HD74HC131 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HD74HC131
3-to-8-line Decoder/Demultiplexer with Edge-Triggered
Address Registers
Description
The HD74HC131 is 3-to-8 linedecoder. It has Address select inputs (A,B,C) and D type register.
Address select data store to D type registers, during the positive going transition of the clock pulse.
Output control (G
1, G2) are independent of select input and CLK input, and when G1 is low or G2 = High,
all outputs is high.
Features
• High Speed Operation: t
pd (CLK to Y) = 20 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 V to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)


Similar Part No. - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131FPEL RENESAS-HD74HC131FPEL Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131P RENESAS-HD74HC131P Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131RPEL RENESAS-HD74HC131RPEL Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
More results

Similar Description - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC137 RENESAS-HD74HC137 Datasheet
117Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com