Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC131 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74HC131
Description  3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74HC131 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74HC131 Datasheet HTML 1Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 2Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 3Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 4Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 5Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 6Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 7Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 8Page - Hitachi Semiconductor HD74HC131 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74HC131
5
AC Characteristics (C
L = 50 pF, Input tr = tf = 6 ns)
Ta = 25
°C
Ta = –40 to
+85
°C
Item
Symbol
V
CC (V)
Min Typ Max Min
Max
Unit
Test Conditions
Propagation delay t
PLH
2.0
210 —
265
ns
CLK to Y
time
t
PHL
4.5
20
42
53
6.0
36
45
t
PLH
2.0
140 —
175
ns
G
1 or G2 to Y
t
PHL
4.5
15
28
35
6.0
24
30
Pulse width
t
w
2.0
80
100
ns
4.5
16
5
20
6.0
14
17
Setup time
t
su
2.0
50
65
ns
4.5
10
2
13
6.0
9
11
Hold time
t
h
2.0
5
5
ns
4.5
5
–1
5
6.0
5
5
Output rise/fall
t
TLH
2.0
75
95
ns
time
t
THL
4.5
5
15
19
6.0
13
16
Input capacitance
Cin
5
10
10
pF


Similar Part No. - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131FPEL RENESAS-HD74HC131FPEL Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131P RENESAS-HD74HC131P Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
HD74HC131RPEL RENESAS-HD74HC131RPEL Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
More results

Similar Description - HD74HC131

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC131 RENESAS-HD74HC131 Datasheet
114Kb / 9P
   3-to-8-line Decoder/Demultiplexer with Edge-Triggered Address Registers
logo
Texas Instruments
SN74AS131A TI1-SN74AS131A Datasheet
109Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS REGISTERS
logo
Renesas Technology Corp
HD74HC237 RENESAS-HD74HC237 Datasheet
72Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
SN74LVC137A TI-SN74LVC137A Datasheet
127Kb / 8P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
logo
Hitachi Semiconductor
HD74HCT137 HITACHI-HD74HCT137 Datasheet
56Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138_15 Datasheet
140Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Hitachi Semiconductor
HD74HCT237 HITACHI-HD74HCT237 Datasheet
57Kb / 8P
   3-to-8-line Decoder/Demultiplexer with Address Latch
logo
Renesas Technology Corp
HD74HC137 RENESAS-HD74HC137 Datasheet
117Kb / 10P
   3-to-8-line Decoder/Demultiplexer with Address Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com