Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAR-3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OAR-3
Description  Open Air Resistor Metal Element Current Sense
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OAR-3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OAR-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OAR-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OAR-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OAR-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Open Air Resistor
Metal Element Current Sense
OAR & OAR-TP Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Style
OAR
Power Rating in Watts
1 = 1W, 3 = 3W, 5 = 5W
Resistance Range
‘R’ indicates decimal point location
Tolerance
F = ±1%, G = ±2%, J = ±5%
RoHS Indicator
LF indicates RoHS compliance
Blank indicates Sn/Pb terminal
tinning; available on special request
Ordering Data
OAR
1
R100
F
LF
The typical power derating curves are based on conservative design concepts that extend from film
based products. The OAR is a solid metal alloy construction that can withstand comparably greater
operating power levels than conservative design models permit. Typically the resistive alloys can
withstand temperatures in excess of 300°C. Therefore, system thermal design considerations are a more
significant design parameter due to the heat limitations of solder joints and/or circuit board substrate
materials.
Power Derating
Pulse/Surge Chart @ 50 msec duration
0
10
20
30
40
50
60
70
80
90
100
700
600
500
400
300
200
Resistance (milli-ohms)
0
100
OAR-1(TP)
0
5
10
15
20
25
30
35
40
45
50
1400
1200
1000
800
600
400
Resistance (milli-ohms)
0
200
0
10
20
30
40
50
60
70
80
90
100
1400
1200
1000
800
600
400
Resistance (milli-ohms)
0
200
5(TP)
-
R
A
O
3(TP)
-
R
A
O
The Surge current charts are approximations of the capabilities of the OAR product and should not be
used to the exclusion of actual testing. The relative high surge currents depicted in the charts are as a
result of the robust all metal welded construction and the heat carrying capability of metal. Additionally
the OAR resistive wire provides large relative cross section for current flow as compared to other resistor
technologies, such as thin film, thick film, or metal strip.
OAR
Open Air Resistor
Metal Element Current Sense
OAR Series Issue June 2011 Sheet 3 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - OAR-3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
OAR-3 WELWYN-OAR-3 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
TT Electronics.
OAR-3 TTELEC-OAR-3 Datasheet
613Kb / 4P
   Hot spot isolated from PCB material
logo
Welwyn Components Limit...
OAR-3R10F WELWYN-OAR-3R10F Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-3R10G WELWYN-OAR-3R10G Datasheet
95Kb / 2P
   Open Air Sense Resistors
OAR-3R10J WELWYN-OAR-3R10J Datasheet
95Kb / 2P
   Open Air Sense Resistors
More results

Similar Description - OAR-3

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
   Open Air Resistor Metal Element Current Sense OAR
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
Ohmite Mfg. Co.
600HR050E OHMITE-600HR050E Datasheet
119Kb / 1P
   Two Terminal Metal Element Current Sense
60SERIES OHMITE-60SERIES Datasheet
273Kb / 1P
   Two Terminal Metal Element Current Sense
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com