Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTTFS3A08PZTAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTTFS3A08PZTAG
Description  -20 V, -15 A, Single P-Channel, 8FL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS3A08PZTAG Datasheet(HTML) 4 Page - ON Semiconductor

  NTTFS3A08PZTAG Datasheet HTML 1Page - ON Semiconductor NTTFS3A08PZTAG Datasheet HTML 2Page - ON Semiconductor NTTFS3A08PZTAG Datasheet HTML 3Page - ON Semiconductor NTTFS3A08PZTAG Datasheet HTML 4Page - ON Semiconductor NTTFS3A08PZTAG Datasheet HTML 5Page - ON Semiconductor NTTFS3A08PZTAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTTFS3A08PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
18
14
10
8
6
4
2
0
0
800
1600
3200
4800
5600
6400
8000
60
50
40
30
20
10
0
0
1
2
3
4
5
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
1
10
100
1000
0.9
0.8
1.0
0.7
0.6
0.5
0.4
0.3
0.1
1
10
Figure 11. Threshold Voltage
Figure 12. Single Pulse Maximum Power
Dissipation
TJ, TEMPERATURE (°C)
SINGLE PULSE TIME (s)
125
100
75
50
25
0
−25
−50
0.15
0.25
0.35
0.45
0.55
0.75
0.85
0.95
1.E+02
1.E−02
1.E−04
0
50
100
150
200
300
350
400
12
16
20
2400
4000
7200
VGS = 0 V
TJ = 25°C
f = 1 MHz
Ciss
Coss
Crss
0
4
2
6
14
18
8
10
12
16
VDS = −10 V
ID = −8 A
TJ = 25°C
QT
VGS
QGS
QGD
VDS
VGS = −4.5 V
VDD = −10 V
ID = −8 A
td(off)
tf
tr
td(on)
TJ = 125°C
TJ = 25°C
TJ = −55°C
0.65
150
ID = −250 mA
250
1.E+00


Similar Part No. - NTTFS3A08PZTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS3A08P ONSEMI-NTTFS3A08P Datasheet
99Kb / 3P
   Power MOSFET .20 V, .14 A, Single P.Channel, 8FL
June, 2012 ??Rev. P0
NTTFS3A08PTAG ONSEMI-NTTFS3A08PTAG Datasheet
99Kb / 3P
   Power MOSFET .20 V, .14 A, Single P.Channel, 8FL
June, 2012 ??Rev. P0
NTTFS3A08PTWG ONSEMI-NTTFS3A08PTWG Datasheet
99Kb / 3P
   Power MOSFET .20 V, .14 A, Single P.Channel, 8FL
June, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com