Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9150K6-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9150K6-G
Description  High Voltage Output Hysteretic Mode Step Up DC/DC Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9150K6-G Datasheet(HTML) 4 Page - Supertex, Inc

  HV9150K6-G Datasheet HTML 1Page - Supertex, Inc HV9150K6-G Datasheet HTML 2Page - Supertex, Inc HV9150K6-G Datasheet HTML 3Page - Supertex, Inc HV9150K6-G Datasheet HTML 4Page - Supertex, Inc HV9150K6-G Datasheet HTML 5Page - Supertex, Inc HV9150K6-G Datasheet HTML 6Page - Supertex, Inc HV9150K6-G Datasheet HTML 7Page - Supertex, Inc HV9150K6-G Datasheet HTML 8Page - Supertex, Inc HV9150K6-G Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
HV9150
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9150
NR120213
Sym
Description
Min
Typ
Max
Unit Conditions
f
GATE
Oscillator frequency
-
½ f
OSC
-
kHz
---
Charge Pump Converter
V
DD
Charge pump output voltage
5.0
3V
LL-1.8
12.6
V
2.7V ≤ V
LL ≤ 4.5V
C
CP1 = 220nF
C
CP2 = 220nF
C
CP3 = 220nF
f
OSC
Oscillator frequency
Accuracy
170
195
220
kHz
R
FREQ = 270kΩ, VLL = 3.3V
Range
40
-
400
Over R
FREQ range
Δf
Oscillator frequency tolerance
-
15
-
%
50kHz ≤ f
OSC ≤ 250kHz
DC
Duty cycle
Accuracy
86
87.5
89
%
R
FREQ = 270kΩ
Range
-
0
-
%
0< V
CNTL ≤ 0.18VLL
-
50
-
%
0.22V
LL < VCNTL ≤ 0.38VLL
-
62.5
-
%
0.42V
LL < VCNTL ≤ 0.58VLL
-
75
-
%
0.62V
LL < VCNTL ≤ 0.78VLL
-
87.5
-
%
0.82V
LL < VCNTL ≤ VLL
V
CONTROL
Duty cycle adjustment
0
-
V
LL
V
See table
R
FREQ
Frequency adjustment resistor
120k
-
1.2M
Ω
---
R
CP
Maximum charge
pump output resistance
Pull up
-
-
20
Ω
V
LL = 2.7V, IO = 10mA
Pull down
-
-
20
V
RIPPLE
Output ripple at V
DD
-
-
100
mV
2.7V ≤ V
LL ≤ 4.5V
f
OSC = 200kHz
C
CP1 = 220nF
C
CP2 = 220nF
C
CP3 = 220nF
C
GATE = 300pF
BW = 20MHz
Delay Timer
T
DELAY
Shutdown delay timer
-
240
-
ms
C
T = 1.0μF
AC Electrical Characteristics
(Over recommended operating supply voltages and temperatures unless otherwise noted)


Similar Part No. - HV9150K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100P SUTEX-HV9100P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9100PJ SUTEX-HV9100PJ Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102 SUTEX-HV9102 Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
HV9102P SUTEX-HV9102P Datasheet
319Kb / 7P
   High-Voltage Switchmode Controllers with MOSFET
More results

Similar Description - HV9150K6-G

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3603 AKM-AP3603 Datasheet
796Kb / 18P
   High Power Dual Output Step-Up DC-DC Controller
logo
Silicon Standard Corp.
SS6641 SSC-SS6641 Datasheet
334Kb / 13P
   Low Voltage Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com