Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FU-645PDF-V1M2C Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # FU-645PDF-V1M2C
Description  1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-645PDF-V1M2C Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  FU-645PDF-V1M2C Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-645PDF-V1M2C Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-645PDF-V1M2C Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FU-645PDF-V1M2C Datasheet HTML 4Page - Mitsubishi Electric Semiconductor FU-645PDF-V1M2C Datasheet HTML 5Page - Mitsubishi Electric Semiconductor FU-645PDF-V1M2C Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TZ7-01-111A (4/6)
MITSUBISHI (OPTICAL DEVICES)
FU-645SDF-x1Mxx
1.55
µm UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
(BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DOCUMENTATION
• Threshold current (Ith) at Tc=25, 70°C
• Operating current (Iop) at Tc=25, 70°C
• Operating voltage (Vop) at Tc=25°C
• Light-emission central wavelength (λc) at Tc=25°C
• Monitor current (Imon) at Tc=25°C
• Optical output power from fiber end (Pf)
Table 1.
Type number
Connector type
L (Note 3)
FU-645SDF-1M1B
None (Note 4)
-
FU-645PDF-V1M1B
FC/PC
28.4
FU-645PDF-W1M1B
SC/PC
34.5
FU-645SDF-1M2C
None (Note 4)
-
FU-645PDF-V1M2C
FC/PC
28.4
FU-645PDF-W1M2C
SC/PC
34.5
Note 3) ‘L’ is defined in OUTLINE DIAGRAMs.
Note 4) There are some cases where a connector for testing is shipped with the product.
Then the fiber length not including the connector is more than 1000mm.


Similar Part No. - FU-645PDF-V1M2C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-1M2C MITSUBISHI-FU-645SDF-1M2C Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-V1M1B MITSUBISHI-FU-645SDF-V1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-V1M2C MITSUBISHI-FU-645SDF-V1M2C Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-645SDF-W1M1B MITSUBISHI-FU-645SDF-W1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
More results

Similar Description - FU-645PDF-V1M2C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-645SDF-1M1B MITSUBISHI-FU-645SDF-1M1B Datasheet
108Kb / 6P
   1.55 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-22 MITSUBISHI-FU-68SDF-22 Datasheet
85Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-445SDF-1M1C MITSUBISHI-FU-445SDF-1M1C Datasheet
108Kb / 6P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-445SDF-WM1 MITSUBISHI-FU-445SDF-WM1 Datasheet
55Kb / 3P
   1.3 um UNCOOLED DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V802MXXB MITSUBISHI-FU-68SDF-V802MXXB Datasheet
108Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-V810MXXB MITSUBISHI-FU-68SDF-V810MXXB Datasheet
109Kb / 5P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (WAVELENGTH SELECTED, BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-48SDF-1 MITSUBISHI-FU-48SDF-1 Datasheet
222Kb / 3P
   1.3 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
FU-68SDF-X9YYMZZF MITSUBISHI-FU-68SDF-X9YYMZZF Datasheet
171Kb / 6P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-650SDF-XW5M1 MITSUBISHI-FU-650SDF-XW5M1 Datasheet
82Kb / 4P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
FU-636SDF-F1M1 MITSUBISHI-FU-636SDF-F1M1 Datasheet
45Kb / 3P
   1.55 um DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com