Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR030-003 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UR030-003
Description  Universal Reversible USB 2.0 Hi-Speed Converter Adapter Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UR030-003 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UR030-003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UR030-003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved UR030-003 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Universal Reversible USB 2.0 Hi-Speed Converter
Adapter Cable (Reversible A to 5Pin Mini-B M/M)
3-ft.
MODEL NUMBER: UR030-003
Description
Tripp Lite's UR030-003, 3-ft, USB 2.0 Universal / Reversible "A" to Mini-B 5-pin device cable, meets or exceeds
USB 2.0 Specifications. Connects a Digital camera, PDA, Cell Phone, etc to a USB port on a computer or hub. Backward compatible - can be used with older
USB1.1 applications as well. All Tripp Lite USB 2.0 cabling include superior foil shielding for reliable, error-free data communications. The significantly faster
data transfer rates of USB 2.0 (up to 480 Mbps) make them perfect for multimedia applications. Features nickel plated connectors and gold plated copper
contacts for superior conductivity. The cable is manufactured with molded connectors and integral strain relief for extra durability and long life.
Features
Universal / Reversible "A" connector plugs in any direction
Meets or Exceeds USB 2.0 Specifications
Connects to Cameras, Cell Phones, PDA's, etc with 5-Pin Mini-B USB connectors
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil
Nickel plated connectors and gold plated copper contacts for superior conductivity.
Molded connectors and integral strain relief for extra durability and long life.
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
INPUT
Highlights
Universal / Reversible A
connector eliminates guess-work
as to connector orientation
Meets or Exceeds USB 2.0
Specifications
Connects to Cameras, PDA's, etc
with Mini-B 5-Pin connectors
System Requirements
Any USB device requiring a USB
cable with Mini-B 5-Pin connector
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
3-ft. USB2.0 Universal /
Reversible A to Mini-B Device
Cable (A Male to 5Pin Mini-B
Male)
1 / 2


Similar Part No. - UR030-003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR030-003-DNB TRIPPLITE-UR030-003-DNB Datasheet
162Kb / 2P
   Universal Reversible USB 2.0 Converter Adapter Cable (Reversible A to Down-angle 5Pin Mini B M/M), 3-ft.
UR030-003-LAB TRIPPLITE-UR030-003-LAB Datasheet
157Kb / 2P
   Universal Reversible USB 2.0 Cable (Reversible A to Left-Angle 5Pin Mini B M/M), 3-ft.
UR030-003-RAB TRIPPLITE-UR030-003-RAB Datasheet
157Kb / 2P
   Universal Reversible USB 2.0 Cable (Reversible A to Right-Angle 5Pin Mini B M/M), 3-ft.
UR030-003-UPB TRIPPLITE-UR030-003-UPB Datasheet
162Kb / 2P
   Universal Reversible USB 2.0 Cable (Reversible A to Up-angle 5Pin Mini B M/M), 3-ft.
More results

Similar Description - UR030-003

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
UR024000 TRIPPLITE-UR024000 Datasheet
507Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Adapter
UR050-010 TRIPPLITE-UR050-010 Datasheet
499Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR030-006-RA TRIPPLITE-UR030-006-RA Datasheet
489Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR050003RAB TRIPPLITE-UR050003RAB Datasheet
490Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR050006UPB TRIPPLITE-UR050006UPB Datasheet
481Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR020-003-RA TRIPPLITE-UR020-003-RA Datasheet
511Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR020-006 TRIPPLITE-UR020-006 Datasheet
517Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR020-010 TRIPPLITE-UR020-010 Datasheet
516Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR022-010 TRIPPLITE-UR022-010 Datasheet
507Kb / 3P
   Universal Reversible USB 2.0 Hi-Speed Cable
UR020003RA TRIPPLITE-UR020003RA Datasheet
510Kb / 2P
   Universal Reversible USB 2.0 Hi-Speed Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com