Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74BC640A Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD74BC640A
Description  Octal Bus Transceivers With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74BC640A Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD74BC640A Datasheet HTML 1Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 2Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 3Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 4Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 5Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 6Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 7Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 8Page - Hitachi Semiconductor HD74BC640A Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HD74BC640A
5
Switching Characteristics (C
L = 50 pF)
Ta = 25
°C
V
CC = 5.0 V
Ta = –40 to +85
°C
V
CC = 5.0 V ±10%
Item
Symbol
Min
Max
Min
Max
Unit
Test Conditions
Propagation delay time
t
PLH
3.0
6.0
3.0
7.0
ns
An to Bn
t
PHL
3.0
6.0
3.0
7.0
t
PLH
3.0
6.0
3.0
7.0
ns
Bn to An
t
PHL
3.0
6.0
3.0
7.0
Output enable time
t
ZH
3.0
9.0
3.0
11.0
ns
G to Bn
t
ZL
3.0
9.0
3.0
11.0
t
ZH
3.0
9.0
3.0
11.0
ns
G to An
t
ZL
3.0
9.0
3.0
11.0
Output disable time
t
HZ
3.0
8.0
3.0
10.0
ns
G to Bn
t
LZ
3.0
8.0
3.0
10.0
t
HZ
3.0
8.0
3.0
10.0
ns
G to An
t
LZ
3.0
8.0
3.0
10.0
Input capacitance
C
IN
3.0 (Typ)
pF
V
IN = VCC or GND
Output capacitance
C
I/O
15.0 (Typ)
pF
V
I/O = VCC or GND


Similar Part No. - HD74BC640A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74BC640A RENESAS-HD74BC640A Datasheet
205Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74BC640AFPEL RENESAS-HD74BC640AFPEL Datasheet
205Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
More results

Similar Description - HD74BC640A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com