Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71303 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71303
Description  9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Insulated PC Tail, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

71303 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71303 Datasheet HTML 1Page - Molex Electronics Ltd. 71303 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
38710-4703
Status:
Active
Overview:
Beau™ Barrier Strips
Description:
9.53mm Pitch Beau™ PCB Terminal Strip, Low Profile, Insulated PC Tail, 3 Circuits
Documents:
3D Model
Product Specification PS-38710-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38710
Application
N/A
Component Type
One Piece
Overview
Beau™ Barrier Strips
Product Name
Fixed Mount Barrier
Type
Barrier Strip
UPC
800756283104
Physical
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Horizontal
PC Tail Length
5.30mm
PCB Retention
Yes
Panel Mount
No
Pitch - Mating Interface
9.53mm
Pitch - Termination Interface
9.53mm
Polarized to Mating Part
No
Shrouded
Dual-Barrier
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +130°C
Termination Interface: Style
Screw or Lug
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
71303
Reference - Drawing Numbers
Product Specification
PS-38710-001
Sales Drawing
SD-38710-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38710Series
Mates With
N/A


Similar Part No. - 71303

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
7130 ALPHAWIRE-7130 Datasheet
70Kb / 3P
   Customer Specification
logo
Guangdong Youtai Semico...
7130 UMW-7130 Datasheet
661Kb / 9P
   LDO high voltage regulator
7130-1 UMW-7130-1 Datasheet
2Mb / 9P
   LDO high voltage regulator
logo
List of Unclassifed Man...
71300 ETC2-71300 Datasheet
170Kb / 1P
   Wiha Sockets
71301 ETC2-71301 Datasheet
170Kb / 1P
   Wiha Sockets
More results

Similar Description - 71303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
38710-4705 MOLEX11-38710-4705 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Insulated PC Tail, 5 Circuits
38710-4709 MOLEX11-38710-4709 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Insulated PC Tail, 9 Circuits
38710-4707 MOLEX11-38710-4707 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Insulated PC Tail, 7 Circuits
38710-4708 MOLEX11-38710-4708 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Insulated PC Tail, 8 Circuits
38720-6203 MOLEX11-38720-6203 Datasheet
43Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, PC Tail, 3 Circuits
0387206203 MOLEX5-0387206203 Datasheet
268Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, PC Tail, 3 Circuits
38720-6202 MOLEX11-38720-6202 Datasheet
43Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, PC Tail, 2 Circuits
0387206202 MOLEX5-0387206202 Datasheet
268Kb / 4P
   9.53mm (.375") Pitch Beau??PCB Terminal Strip, PC Tail, 2 Circuits
38710-6314 MOLEX11-38710-6314 Datasheet
41Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip without Mounting Ends, Low Profile, PC Tail, 14 Circuits
38711-2203 MOLEX11-38711-2203 Datasheet
40Kb / 2P
   9.53mm Pitch Beau PCB Terminal Strip, Low Profile, Wire Wrap Terminal, 3 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com