Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACD-2353 Datasheet(PDF) 3 Page - Applied Concepts Inc.

Part # ACD-2353
Description  XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIPOWER [Applied Concepts Inc.]
Direct Link  http://www.acipower.com
Logo ACIPOWER - Applied Concepts Inc.

ACD-2353 Datasheet(HTML) 3 Page - Applied Concepts Inc.

  ACD-2353 Datasheet HTML 1Page - Applied Concepts Inc. ACD-2353 Datasheet HTML 2Page - Applied Concepts Inc. ACD-2353 Datasheet HTML 3Page - Applied Concepts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL LCD/LED BACKLIGHT PERFORMANCE GRAPHS
Day mode
NVIS
Panel Brightness & LED Pow er vs. LED
drive current (Ta = +25Deg-C)
0
400
800
1200
1600
0
10
20
30
40
50
60
70
80
90
LED c urre nt (mA)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
Panel B rightness
LED Power
Panel Brightness & LED Pow er vs. LED
drive current (Ta = +25Deg-C)
0.00
0.50
1.00
1.50
2.00
0
5
10
15
20
25
30
LED c urre nt (mA)
0.0
0.5
1.0
1.5
2.0
2.5
Panel Bright ness
LED Power
Panel Brightness vs. Display Tem p
0.00
500.00
1000.00
1500.00
2000.00
- 30
-20
-10
0
10
20
30
40
50
60
70
80
Displa y Te mpera ture (De g- C)
LED - 1500 cd/m2
Panel Brightness vs. Display Tem p
0.00
2.00
4.00
6.00
8.00
10.00
- 30
-20
-10
0
10
20
30
40
50
60
70
80
Display Te mpe ra ture (De g- C)
LED - 5.0 cd/m2
ACD-2353
PRODUCT DATA SHEET PAGE 3 OF 3
3/18/2014
397 Route 281
Tully, New York 13159
Phone: 315 696-6676
Fax: 315 696 9923
Email: sales@acipower.com
www.acipower.com


Similar Part No. - ACD-2353

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2315 ACIPOWER-ACD-2315 Datasheet
368Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2334 ACIPOWER-ACD-2334 Datasheet
368Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
More results

Similar Description - ACD-2353

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACD-2148 ACIPOWER-ACD-2148 Datasheet
316Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2334 ACIPOWER-ACD-2334 Datasheet
368Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2161 ACIPOWER-ACD-2161 Datasheet
149Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2315 ACIPOWER-ACD-2315 Datasheet
368Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2403 ACIPOWER-ACD-2403 Datasheet
324Kb / 3P
   SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2540 ACIPOWER-ACD-2540 Datasheet
325Kb / 3P
   SXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2430 ACIPOWER-ACD-2430 Datasheet
325Kb / 3P
   WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-2484 ACIPOWER-ACD-2484 Datasheet
325Kb / 3P
   WXGA LED BACKLIT TFT DISPLAY WITH NVIS CLASS B CAPABILITY
ACD-1808 ACIPOWER-ACD-1808 Datasheet
227Kb / 3P
   XGA LED BACKLIT TFT DISPLAY WITH NVIS CAPABILITY & AR BONDED GLASS
ACD-2238 ACIPOWER-ACD-2238 Datasheet
279Kb / 2P
   XGA LED BACKLIT TFT DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com