Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N254-024-SH Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N254-024-SH
Description  24-Port 1U Rackmount STP Shielded Cat6 / Cat5
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N254-024-SH Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N254-024-SH Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N254-024-SH Datasheet HTML 2Page - Tripp Lite. All Rights Reserved N254-024-SH Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connector A
RJ45 (FEMALE)
Connector B
RJ45 (FEMALE)
Number of Connectors
24
Ports
24
Related Items
Required Products
Model Number
Description
Qty.
N125-007-GY
7-ft. Cat6 Gigabit Molded Shielded Patch Cable (RJ45 M/M) - Gray
1
N125-010-GY
10-ft. Cat6 Gigabit Molded Shielded Patch Cable (RJ45 M/M) - Gray
1
N125-025-GY
25-ft. Cat6 Gigabit Molded Shielded Patch Cable (RJ45 M/M) - Gray
1
N125-050-GY
50-ft. Cat6 Gigabit Molded Shielded Patch Cable (RJ45 M/M) - Gray
1
Optional Products
Model Number
Description
Qty.
N235-001-SH
Cat6 Straight-Through Shielded Modular In-line "Snap-in" Coupler (RJ45 F/F)
1
N252-012
12-Port Cat6 Patch Panel 568B, 1U
1
N252-024
24-Port Cat6 Patch Panel 568B, 1U
1
N252-024-HU
24-Port Cat6 0.5U Patch Panel 568A/B
1
N252-024-V
24-Port Cat6 Keystone Type V-Shaped Patch Panel, 1U
1
N252-048
48-Port Cat6 Patch Panel 568B
1
N252-048-1U
48-Port Cat6 1U High Density 110 Type Patch Panel
1
N254-024
24-Port Cat6 Feed-through Patch Panel
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/N254-024-SH.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


Similar Part No. - N254-024-SH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N254-024-SH-6A TRIPPLITE-N254-024-SH-6A Datasheet
160Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel, RJ45 Ethernet, TAA
N254-024-SH-6AD TRIPPLITE-N254-024-SH-6AD Datasheet
168Kb / 3P
   24-Port 1U Rack-Mount STP Shielded Cat6a Feedthrough Patch Panel with 90-Degree Down-Angled Ports, RJ45 Ethernet, TAA
N254-024-SH-D TRIPPLITE-N254-024-SH-D Datasheet
484Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat5e/6 Feedthrough Patch Panel w/90-Degree Down-Angle Ports, RJ45 Ethernet
More results

Similar Description - N254-024-SH

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N254024SH TRIPPLITE-N254024SH Datasheet
476Kb / 2P
   24-Port 1U Rack-Mount STP Shielded Cat6 /Cat5 Feedthrough Patch Panel, RJ45 Ethernet
logo
List of Unclassifed Man...
B072-008-1 ETC2-B072-008-1 Datasheet
478Kb / 4P
   8-Port NetCommander 1U Rackmount Cat5 KVM Switch
B072-016-1 ETC2-B072-016-1 Datasheet
480Kb / 4P
   16-Port NetCommander 1U Rackmount Cat5 KVM Switch
logo
Tripp Lite. All Rights ...
N254024 TRIPPLITE-N254024 Datasheet
477Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet
N254-024 TRIPPLITE-N254-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 Feedthrough Patch Panel, RJ45 Ethernet, TAA
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
logo
List of Unclassifed Man...
B060-016-2 ETC2-B060-016-2 Datasheet
487Kb / 4P
   16-Port (2-User) 1U Rackmount Cat5 Matrix KVM Switch
logo
Tripp Lite. All Rights ...
N252-024 TRIPPLITE-N252-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252024V TRIPPLITE-N252024V Datasheet
485Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 V-Shaped 110 Patch Panel 568B, RJ45 Ethernet
N250024LP TRIPPLITE-N250024LP Datasheet
486Kb / 2P
   24-Port Cat6/Cat5 Low Profile Feed-Through Patch Panel, 1U Rack-Mount/Wall-Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com