Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSOZAA501 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # BSOZAA501
Description  BIG SOZA CELL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

BSOZAA501 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  BSOZAA501 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech BSOZAA501 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
High power capability
Economical
Avalanche voltage: 20 to 24 volts
Mechanical Data
Copper slug
Technology: cell with vcauum soldered
Polarity: colour dots denotes cathode end
Mounting Position: Any
Weigth: 0.7 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols
Min.
Nominal
Max.
Units
Peak repetitive reverse voltage
VRRM
17
Volts
Working peak reverse voltage
VRWM
17
DC blocking voltage
VDC
17
Average rectified forward current at Tc
oC
Io
=125
50
Amps
Repetitive peak reverse surge current Tc
IRSM
=10msec duty cycle <1%
50
Amps
Breakdown voltage (VBR @ IR=100mA,Tc=25
oC)
VBR1
20
22
24
Volts
IR=90Amps,Tc=150
oC ,PW=80usec
VBR2
32
Forward voltage drop (VFWB) @ IF=100Amps < 300sec
VF
0.97
1.0
1.02
Volts
Peak forward surge current
IFSM
600
Amps
Reverse leakage (VR
c
oC
IR
=17VDC) T =25
0.2
1.0
2.0
uA
Operating and storage junction temperature range
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
BSOZAA50L
BIG SOZA CELL
AVALANCHE VOLTAGE
20 TO 24 VOLTS
CURRENT 50AMPS
.299(7.6)
.283(7.2)
DIA
0.078(2.0)
0.086(2.2)
BS
Dimensions in inches and millimeters


Similar Part No. - BSOZAA501

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BSOZAA50L MIC-BSOZAA50L Datasheet
20Kb / 1P
   BIG SOZA CELL
BSOZAA50M MIC-BSOZAA50M Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA50M CHENYI-BSOZAA50M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
BSOZAA50M GOOD-ARK-BSOZAA50M_15 Datasheet
42Kb / 1P
   Big SOZA Cell Avalanche Voltage 37 to 41Volts Current 50 Amps
More results

Similar Description - BSOZAA501

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
BSOZAA30L MIC-BSOZAA30L Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZAA30M CHENYI-BSOZAA30M Datasheet
48Kb / 2P
   BIG SOZA CELL
BSOZAA40Z CHENYI-BSOZAA40Z Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA40M MIC-BSOZAA40M Datasheet
20Kb / 1P
   BIG SOZA CELL
BSOZAA40Z MIC-BSOZAA40Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA401 CHENYI-BSOZA401 Datasheet
154Kb / 2P
   BIG SOZA CELL
BSOZAA50M CHENYI-BSOZAA50M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30Z MIC-BSOZAA30Z Datasheet
20Kb / 1P
   BIG SOZA CELL
logo
Shanghai Lunsure Electr...
BSOZA301 CHENYI-BSOZA301 Datasheet
160Kb / 2P
   BIG SOZA CELL
BSOZAA40M CHENYI-BSOZAA40M Datasheet
48Kb / 2P
   BIG SOZA CELL
logo
MIC GROUP RECTIFIERS
BSOZAA30M MIC-BSOZAA30M Datasheet
20Kb / 1P
   BIG SOZA CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com