Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE429M01 Datasheet(PDF) 5 Page - NEC

Part # NE429M01
Description  C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE429M01 Datasheet(HTML) 5 Page - NEC

  NE429M01 Datasheet HTML 1Page - NEC NE429M01 Datasheet HTML 2Page - NEC NE429M01 Datasheet HTML 3Page - NEC NE429M01 Datasheet HTML 4Page - NEC NE429M01 Datasheet HTML 5Page - NEC NE429M01 Datasheet HTML 6Page - NEC NE429M01 Datasheet HTML 7Page - NEC NE429M01 Datasheet HTML 8Page - NEC NE429M01 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P12254EJ3V0DS00
5
NE429M01
S-PARAMETERS
MAG. AND ANG.
VDS = 2 V, ID = 10 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
2000
0.939
−33.5
4.728
146.1
0.040
69.6
0.597
−22.6
2500
0.916
−42.1
4.643
138.0
0.049
63.3
0.571
−28.5
3000
0.889
−50.7
4.546
130.0
0.055
59.2
0.557
−34.1
3500
0.856
−58.1
4.405
122.7
0.062
54.4
0.535
−39.4
4000
0.822
−65.2
4.279
115.1
0.066
50.2
0.510
−44.7
4500
0.790
−71.6
4.165
108.4
0.071
46.5
0.488
−48.9
5000
0.768
−77.9
4.099
102.2
0.075
41.6
0.478
−53.8
5500
0.736
−84.2
4.024
95.9
0.080
37.9
0.459
−56.9
6000
0.709
−91.2
4.013
89.3
0.082
36.9
0.441
−61.0
6500
0.679
−99.0
4.018
82.5
0.086
32.2
0.418
−65.5
7000
0.651
−109.1
4.007
74.7
0.091
27.4
0.386
−71.9
7500
0.626
−120.5
3.978
66.7
0.097
23.4
0.341
−78.7
8000
0.598
−132.6
3.940
58.6
0.099
17.0
0.296
−86.2
8500
0.576
−144.9
3.862
50.2
0.097
12.1
0.252
−94.9
9000
0.551
−157.4
3.775
42.3
0.100
6.6
0.212
−106.2
9500
0.527
−169.6
3.686
34.2
0.102
1.2
0.185
−121.8
10000
0.504
177.7
3.585
25.6
0.101
−6.1
0.166
−139.1
10500
0.494
163.6
3.475
17.8
0.101
−12.3
0.155
−157.3
11000
0.495
149.1
3.367
9.4
0.098
−16.5
0.149
178.4
11500
0.529
134.8
3.282
0.5
0.096
−22.3
0.148
158.4
12000
0.563
120.1
3.167
−8.6
0.095
−30.6
0.165
134.2
12500
0.608
106.2
3.011
−18.5
0.092
−38.8
0.194
109.4
13000
0.637
95.3
2.773
−27.7
0.085
−46.3
0.237
91.2
13500
0.645
86.6
2.562
−35.9
0.079
−50.2
0.279
80.9
14000
0.668
78.8
2.398
−43.8
0.072
−54.7
0.321
76.2
14500
0.689
70.0
2.231
−52.3
0.073
−60.3
0.372
74.3
15000
0.702
63.1
2.028
−59.7
0.072
−71.7
0.411
71.4
15500
0.713
57.1
1.917
−66.9
0.067
−79.5
0.427
71.5
16000
0.743
51.9
1.772
−75.6
0.065
−81.8
0.462
69.3
16500
0.766
46.1
1.633
−83.4
0.064
−83.1
0.500
62.6
17000
0.785
41.7
1.508
−92.0
0.063
−90.1
0.533
57.5
17500
0.802
37.4
1.335
−101.3
0.059
−104.7
0.580
50.0
18000
0.814
34.3
1.140
−108.9
0.053
−106.3
0.596
43.2
The information in this data is subject to change without notice.


Similar Part No. - NE429M01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE429M01-T1 CEL-NE429M01-T1 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE429M01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE425S01 NEC-NE425S01 Datasheet
57Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE425S01 NEC-NE425S01_98 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE325S01 CEL-NE325S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE325S01 NEC-NE325S01 Datasheet
60Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com