Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4210S01-T1B Datasheet(PDF) 6 Page - NEC

Part # NE4210S01-T1B
Description  X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE4210S01-T1B Datasheet(HTML) 6 Page - NEC

Back Button NE4210S01-T1B Datasheet HTML 2Page - NEC NE4210S01-T1B Datasheet HTML 3Page - NEC NE4210S01-T1B Datasheet HTML 4Page - NEC NE4210S01-T1B Datasheet HTML 5Page - NEC NE4210S01-T1B Datasheet HTML 6Page - NEC NE4210S01-T1B Datasheet HTML 7Page - NEC NE4210S01-T1B Datasheet HTML 8Page - NEC NE4210S01-T1B Datasheet HTML 9Page - NEC NE4210S01-T1B Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet P14232EJ2V0DS00
6
NE4210S01
AMPLIFIER PARAMETERS
VDS = 2 V, ID = 10 mA
FREQUENCY
GUmax
GAmax
|S21|2
|S12|2
K
Delay
Mason’s U
G1
G2
MHz
dBdBdBdB
ns
dBdB
dB
2000.0000
2500.0000
3000.0000
3500.0000
4000.0000
4500.0000
5000.0000
5500.0000
6000.0000
6500.0000
7000.0000
7500.0000
8000.0000
8500.0000
9000.0000
9500.0000
10000.0000
10500.0000
11000.0000
11500.0000
12000.0000
12500.0000
13000.0000
13500.0000
14000.0000
14500.0000
15000.0000
15500.0000
16000.0000
16500.0000
17000.0000
17500.0000
18000.0000
27.67
25.31
23.75
22.25
21.07
20.15
19.29
18.67
18.21
17.75
16.97
16.21
15.69
15.28
14.85
14.39
14.01
13.72
13.39
13.09
12.81
12.54
12.28
12.02
11.80
11.66
11.58
11.35
11.22
11.03
10.67
10.26
9.77
16.34
15.53
15.40
14.90
14.27
13.92
13.56
13.16
12.78
12.51
12.38
12.32
12.01
11.95
11.80
11.40
10.86
10.19
12.94
12.94
12.95
12.84
12.68
12.56
12.39
12.32
12.30
12.36
12.41
12.42
12.43
12.49
12.44
12.32
12.19
12.09
11.96
11.83
11.71
11.52
11.31
11.01
10.68
10.33
9.97
9.55
9.20
8.83
8.33
7.81
7.22
–31.55
–29.62
–28.24
–27.19
–26.58
–25.82
–25.36
–24.81
–24.30
–23.49
–22.94
–22.70
–22.29
–21.76
–21.32
–20.83
–20.53
–20.11
–19.74
–19.67
–19.33
–19.11
–18.97
–19.05
–19.03
–18.96
–19.10
–19.25
–19.33
–19.41
–19.37
–19.46
–19.74
0.25
0.32
0.38
0.44
0.51
0.57
0.63
0.68
0.71
0.72
0.80
0.90
0.94
0.96
0.98
1.00
1.02
1.01
1.02
1.06
1.07
1.08
1.11
1.14
1.15
1.14
1.13
1.16
1.15
1.15
1.16
1.21
1.30
0.038
0.038
0.040
0.039
0.037
0.035
0.033
0.032
0.032
0.034
0.037
0.038
0.037
0.040
0.042
0.040
0.039
0.040
0.039
0.039
0.042
0.042
0.042
0.042
0.041
0.039
0.041
0.036
0.037
0.041
0.039
0.035
0.034
30.256
28.341
26.068
25.369
23.501
22.666
21.854
21.290
21.403
21.682
20.537
19.541
19.390
19.809
19.658
19.512
19.822
20.318
20.322
19.926
20.054
20.125
19.648
19.328
19.111
19.447
19.785
19.151
19.274
18.894
17.879
16.470
14.659
12.61
10.35
8.92
7.64
6.73
6.00
5.36
4.87
4.47
4.03
3.33
2.75
2.40
2.10
1.87
1.65
1.49
1.35
1.18
1.03
0.90
0.86
0.85
0.92
1.04
1.22
1.42
1.51
1.60
1.64
1.66
1.72
1.78
2.12
2.02
1.87
1.77
1.66
1.59
1.54
1.48
1.44
1.37
1.22
1.04
0.85
0.70
0.55
0.41
0.33
0.28
0.25
0.22
0.21
0.17
0.12
0.09
0.08
0.11
0.20
0.29
0.41
0.56
0.68
0.74
0.76


Similar Part No. - NE4210S01-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE4210S01-T1B CEL-NE4210S01-T1B Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE4210S01-T1B RENESAS-NE4210S01-T1B Datasheet
199Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - NE4210S01-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com