Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE4210S01-T1B Datasheet(PDF) 4 Page - NEC

Part # NE4210S01-T1B
Description  X to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE4210S01-T1B Datasheet(HTML) 4 Page - NEC

  NE4210S01-T1B Datasheet HTML 1Page - NEC NE4210S01-T1B Datasheet HTML 2Page - NEC NE4210S01-T1B Datasheet HTML 3Page - NEC NE4210S01-T1B Datasheet HTML 4Page - NEC NE4210S01-T1B Datasheet HTML 5Page - NEC NE4210S01-T1B Datasheet HTML 6Page - NEC NE4210S01-T1B Datasheet HTML 7Page - NEC NE4210S01-T1B Datasheet HTML 8Page - NEC NE4210S01-T1B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet P14232EJ2V0DS00
4
NE4210S01
Gain Calculations
S21
MAG. =
S12
k
± k2 – 1
= S11·S22 – S21·S12
S21
MSG. =
S12
1 + | |2 – |S11 |2 – |S22|2
K =
2 |S12| |S21|
Frequency f (GHz)
1.0
0.5
0
130
2
VDS = 2 V
ID = 10 mA
420
6
8 10
14
24
20
16
12
8
4
Drain Current ID (mA)
Ga
NF
Ga
NF
NOISE FIGURE, NF ASSOCIATED GAIN vs.
DRAIN CURRENT
15
14
13
12
11
2.0
1.5
1.0
0.5
30
20
10
0
VDS = 2 V
f = 12 GHz
NOISE FIGURE, NF ASSOCIATED GAIN vs.
FREQUENCY


Similar Part No. - NE4210S01-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE4210S01-T1B CEL-NE4210S01-T1B Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
Renesas Technology Corp
NE4210S01-T1B RENESAS-NE4210S01-T1B Datasheet
199Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - NE4210S01-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3511S02 CEL-NE3511S02 Datasheet
288Kb / 10P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3511S02 RENESAS-NE3511S02 Datasheet
210Kb / 11P
   X TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3515S02 RENESAS-NE3515S02 Datasheet
225Kb / 12P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3515S02-T1C-A CEL-NE3515S02-T1C-A Datasheet
415Kb / 9P
   X to Ku-BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE3210S01 NEC-NE3210S01 Datasheet
62Kb / 16P
   X to Ku BAND SUPER LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE425S01 CEL-NE425S01 Datasheet
52Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE325S01 NEC-NE325S01_02 Datasheet
51Kb / 5P
   C to KU BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE429M01 CEL-NE429M01 Datasheet
58Kb / 6P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE32484A NEC-NE32484A Datasheet
63Kb / 12P
   C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com