Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C16245 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C16245
Description  16-Bit, 2-Port Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16245 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C16245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C16245 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PI5C16245/162245
16-Bit, 2-Port Bus switch
2
PS7025D
01/24/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Storage Temperature .................................................................... –55°Cto+125°C
Ambient Temperature with Power Applied .................................... –40°Cto+85°C
Supply Voltage to Ground Potential ............................................... –0.5Vto+7.0V
DC Input Voltage ............................................................................ –0.5Vto+7.0V
DC Output Current ..................................................................................... 120mA
Power Dissipation ..........................................................................................0.5W
Note: Stresses greater than those listed under MAXI-
MUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 5V ±10%)
Parameters Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
μA
IIL
Input LOW Current
VCC=Max., VIN=GND
±1
μA
IOZH
High Impedance Output Current
0
≤ A, B ≤ VCC
±1
μA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IOS
Short Circuit Current(3)
A (B) = 0V, B (A) = VCC
100
mA
VH
Input Hysteresis at Control Pins
150
mV
RON
Switch On Resistance(4)
VCC = Min.,VIN=0.0V,
16245
5
7
ohm
ION = 48 mA
162245
20
28
40
VCC = Min.,VIN=2.4V,
16245
10
15
ohm
ION = 15 mA
162245
20
35
48
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(5)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN=0V
6
pF
COFF
A/B Capacitance, Switch Off
VIN=0V
6
pF
CON
A/B Capacitance, Switch On
VIN=0V
9
pF
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, TA = 25°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined by the lower of the
voltages on the two (A,B) pins.
5. This parameter is determined by device characterization but is not production tested.


Similar Part No. - PI5C16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
PI5C16245A PERICOM-PI5C16245A Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
PI5C16245B PERICOM-PI5C16245B Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
PI5C16245V PERICOM-PI5C16245V Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C16245

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
   16-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
   16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
   3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
   16-Bit, 4-Port Bus Switch
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
   16-Bit, 4-Port Bus Switch
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
   8-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com