Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFEC40-48T3315 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # UFEC40-48T3315
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC40-48T3315 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  UFEC40-48T3315 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC40-48T3315 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC40-48T3315 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC40-48T3315 Datasheet HTML 4Page - Power Mate Technology Co., LTD UFEC40-48T3315 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UFEC40
2
www.PDUKE.com
2014/6/5
PART NUMBER STRUCTURE
UFEC40 -
48
S
05
-
EC
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Assembly Option
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
24:
28:
3.3
5
12
15
24
28
12:
24:
48:
9.5~18
18~36
36~75
D: Dual
12:
15:
±12
±15
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type
T: Triple
3312:
3315:
0512:
0515:
3.3 / ±12
3.3 / ±15
5 / ±12
5 / ±15
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
12Vin(nom)
24Vin(nom)
48Vin(nom)
9.5
18
36
12
24
48
18
36
75
VDC
Input fuse (slow blow)
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
8
4
A
In-rush current
15
A
Input reflected ripple current
Nominal input and Full load
15
mAp-p
Start up voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
9.5
18
36
VDC
Shutdown voltage
12Vin(nom)
24Vin(nom)
48Vin(nom)
8
16
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
100
25
ms
Input surge voltage
100ms, max.
12Vin(nom)
24Vin(nom)
48Vin(nom)
36
50
100
VDC
Referred to –Vin pin
Positive logic
DC-DC ON
DC-DC OFF
Open or 3.5 ~ 12VDC
Short or 0 ~ 1.2VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
0.5
mA
Remote off input current
2.5
mA


Similar Part No. - UFEC40-48T3315

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC40-48D12W P-DUKE-UFEC40-48D12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-48D15W P-DUKE-UFEC40-48D15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-48S05W P-DUKE-UFEC40-48S05W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-48S12W P-DUKE-UFEC40-48S12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-48S15W P-DUKE-UFEC40-48S15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFEC40-48T3315

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com