Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFED40-110S12W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # UFED40-110S12W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFED40-110S12W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  UFED40-110S12W Datasheet HTML 1Page - Power Mate Technology Co., LTD UFED40-110S12W Datasheet HTML 2Page - Power Mate Technology Co., LTD UFED40-110S12W Datasheet HTML 3Page - Power Mate Technology Co., LTD UFED40-110S12W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UFED40W
www.PDUKE.com
201
4/6/5
2
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
110Vin(nom)
9.5
18
43
24
48
110
36
75
160
VDC
Input fuse (slow blow)
24Vin(nom)
48Vin(nom)
110Vin(nom)
8
4
2
A
In-rush current
15
A
Start-up voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
9.5
18
43
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
8
16
40
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
100
60
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
110Vin(nom)
50
100
170
VDC
Positive logic
(Standard)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12VDC
Short or 0 ~ 1.2VDC
Referenced to –Vin pin
Negative logic
(Option)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12VDC
Remote ON/OFF
Input current of CTRL pin
-0.5
1
mA
Remote off input current
5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.5
+0.5
%
Load regulation
No Load to Full Load
3.3Vout, 5Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability
Single output
3.3Vout, 5Vout, 12Vout
15Vout, 24Vout
-10
-10
+10
+20
%
Ripple and noise
Measured by 20MHz bandwidth
3.3Vout, 5Vout
12Vout, 15Vout
24Vout
75
100
150
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
24Vout
3.9
6.2
15
20
30
VDC
Output indicator
Green LED
Over load protection
% of Iout rated
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
4000
pF
Switching frequency
225
250
275
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
EN50155
Chassis material
Aluminum
Weight
110g (3.88oz)
MTBF
MIL-HDBK-217F, Full load
1.944 x 10
6 hrs


Similar Part No. - UFED40-110S12W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFED20-12D12 P-DUKE-UFED20-12D12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12D15 P-DUKE-UFED20-12D15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S05 P-DUKE-UFED20-12S05 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S12 P-DUKE-UFED20-12S12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S15 P-DUKE-UFED20-12S15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFED40-110S12W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com