Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM-46 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCM-46
Description  Your search criteria matched only one product, shown below.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCM-46 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCM-46 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Copyright © 1995-2007, PANDUIT CORP. All rights reserved.
support | locate distributor | about panduit | careers | worldwide
Printer Friendly
HOME | SOLUTIONS | RESOURCES| PRODUCTS | SERVICES | LEARNING
SEARCH
Current refinements (click
to remove)
Search Tips
Region
USA
Product Family
Pre -Printed Marker Cards PCM Type
Text Search: 'PCM -46'
Your search criteria matched only one product, shown below.
Suffix numbers are used to extend numbers or to create alpha-numeric cods. For example, adding
suffix number 10 to number 700 creates 70010.
• Marker cards printed in a variety of legends allows 'kitting' for project builds
• Plastic liner provides easy removal of markers while protecting unused markers
Part Number:
PCM-46
RoHS Compliancy Status:
Compliant
Part Description:
Wire Marker Card, Vinyl Cloth, '46'
Material:
Vinyl cloth
Length (In.):
1.50
Length (mm):
38.10
Width (In.):
.25
Width (mm):
6.40
Color (Legend/Background): Black/White
Legend:
46
Markers Per Card:
36
Max. Wire O.D. (In.):
0.38
Max. Wire O.D. (mm):
9.5
Min. Order UOM:
CG
Min. Order Qty.:
5
BOM Qty. (# of Pkgs.)
0
0
Add to My Catalog
g
fe
d
c
Please register to utilize the 'Bill of Materials', 'Submit Quotes' and 'My Catalog' features.
legal information | privacy policy | site map


Similar Part No. - PCM-46

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PCM-40 JDSU-PCM-40 Datasheet
657Kb / 6P
   PCS-40 PCM Channel Selector
logo
CUI INC
PCM-400 CUI-PCM-400 Datasheet
999Kb / 8P
   AC-DC POWER SUPPLY
PCM-400 CUI-PCM-400 Datasheet
978Kb / 8P
   AC-DC POWER SUPPLY
01/10/2022
PCM-400-12 CUI-PCM-400-12 Datasheet
999Kb / 8P
   AC-DC POWER SUPPLY
PCM-400-12 CUI-PCM-400-12 Datasheet
978Kb / 8P
   AC-DC POWER SUPPLY
01/10/2022
More results

Similar Description - PCM-46

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE25P-TR0 ETC2-SE25P-TR0 Datasheet
54Kb / 1P
   Your search criteria matched only one product, shown below
logo
PANDUIT CORP.
CD-525 PANDUIT-CD-525 Datasheet
105Kb / 1P
   Your search criteria matched only one product, shown below
PCA07-4 PANDUIT-PCA07-4 Datasheet
58Kb / 2P
   Your search criteria matched only one product, shown below.
PCM-45 PANDUIT-PCM-45 Datasheet
100Kb / 1P
   Your search criteria matched only one product, shown below
PCM-Q PANDUIT-PCM-Q Datasheet
100Kb / 1P
   Your search criteria matched only one product, shown below
PDL-2 PANDUIT-PDL-2 Datasheet
77Kb / 2P
   Your search criteria matched only one product, shown below
PCM-67 PANDUIT-PCM-67 Datasheet
100Kb / 1P
   Your search criteria matched only one product, shown below
PCM-82 PANDUIT-PCM-82 Datasheet
100Kb / 1P
   Your search criteria matched only one product, shown below
PDL-4 PANDUIT-PDL-4 Datasheet
74Kb / 1P
   Your search criteria matched only one product, shown below
PCA23-0 PANDUIT-PCA23-0 Datasheet
71Kb / 1P
   Your search criteria matched only one product, shown below
logo
List of Unclassifed Man...
PCM-33 ETC2-PCM-33 Datasheet
60Kb / 1P
   Your search criteria matched only one product, shown below
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com