Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFED40-110S3P3W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UFED40-110S3P3W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFED40-110S3P3W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UFED40-110S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD UFED40-110S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD UFED40-110S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD UFED40-110S3P3W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UFED40W
www.PDUKE.com
201
4/6/5
1
UFED40W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 40Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, IEC60950-1, & EN50155
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
UFED40-24S3P3W
9.5 ~ 36
3.3
10000
19
89
26600
UFED40-24S05W
9.5 ~ 36
5
8000
19
90
20000
UFED40-24S12W
9.5 ~ 36
12
3333
19
91
3900
UFED40-24S15W
9.5 ~ 36
15
2666
19
91
2600
UFED40-24S24W
9.5 ~ 36
24
1666
19
90
1300
UFED40-24D12W
9.5 ~ 36
±12
±1666
19
89
± 2600
UFED40-24D15W
9.5 ~ 36
±15
±1333
19
89
± 1600
UFED40-24D24W
9.5 ~ 36
±24
±833
19
90
±650
UFED40-48S3P3W
18 ~ 75
3.3
10000
14
89
26600
UFED40-48S05W
18 ~ 75
5
8000
14
90
20000
UFED40-48S12W
18 ~ 75
12
3333
14
91
3900
UFED40-48S15W
18 ~ 75
15
2666
14
91
2600
UFED40-48S24W
18 ~ 75
24
1666
14
90
1300
UFED40-48D12W
18 ~ 75
±12
±1666
14
89
± 2600
UFED40-48D15W
18 ~ 75
±15
±1333
14
89
± 1600
UFED40-48D24W
18 ~ 75
±24
±833
14
90
±650
UFED40-110S3P3W
43 ~ 160
3.3
10000
10
87
26600
UFED40-110S05W
43 ~ 160
5
8000
10
88
20000
UFED40-110S12W
43 ~ 160
12
3333
10
89.5
3900
UFED40-110S15W
43 ~ 160
15
2666
10
90
2600
UFED40-110S24W
43 ~ 160
24
1666
10
89
1300
UFED40-110D12W
43 ~ 160
±12
±1666
10
88
± 2600
UFED40-110D15W
43 ~ 160
±15
±1333
10
88
± 1600
UFED40-110D24W
43 ~ 160
±24
±833
10
90
±650
PART NUMBER STRUCTURE
UFED40 -
48
S
05
W -
N
EC
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Input
Range
Remote Control
Option
Assembly Option
S: Single
3P3:
05:
12:
15:
24:
3.3
5
12
15
24
24:
48:
110:
9.5~36
18~75
43~160
D: Dual
12:
15:
24:
±12
±15
±24
4:1
:
N:
Positive logic
Negative logic
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type


Similar Part No. - UFED40-110S3P3W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFED20-12D12 P-DUKE-UFED20-12D12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12D15 P-DUKE-UFED20-12D15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S05 P-DUKE-UFED20-12S05 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S12 P-DUKE-UFED20-12S12 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-12S15 P-DUKE-UFED20-12S15 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFED40-110S3P3W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com