Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFEC40-24T3315 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UFEC40-24T3315
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFEC40-24T3315 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UFEC40-24T3315 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFEC40-24T3315 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFEC40-24T3315 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFEC40-24T3315 Datasheet HTML 4Page - Power Mate Technology Co., LTD UFEC40-24T3315 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.PDUKE.com
2014/6/5
UFEC40 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 40 Watts
FEATURES
APPLICATIONS
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output
Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (2)
Min. Load (1)
Full Load
Model
Number
VDC
VDC
mA
mA
mA
%
µ
F
UFEC40-12S3P3
9.5 ~ 18
3.3
0
8000
177
85
21000
UFEC40-12S05
9.5 ~ 18
5
0
8000
230
85
13600
UFEC40-12S12
9.5 ~ 18
12
0
3333
260
85
2360
UFEC40-12S15
9.5 ~ 18
15
0
2666
318
86
1510
UFEC40-12S24
9.5 ~ 18
24
144
1800
40
84
600
UFEC40-12S28
9.5 ~ 18
28
122
1400
48
84
375
UFEC40-12D12
9.5 ~ 18
±12
±144
±1800
35
84
±1200
UFEC40-12D15
9.5 ~ 18
±15
±112
±1400
43
84
±750
UFEC40-12T3312
9.5 ~ 18
3.3 / ±12
600 / ±40
6000 / ±400
220
83
13000 / ±330
UFEC40-12T3315
9.5 ~ 18
3.3 / ±15
600 / ±30
6000 / ±300
235
83
13000 / ±110
UFEC40-12T0512
9.5 ~ 18
5 / ±12
600 / ±40
6000 / ±400
285
85
6800 / ±330
UFEC40-12T0515
9.5 ~ 18
5 / ±15
600 / ±30
6000 / ±300
285
85
6800 / ±110
UFEC40-24S3P3
18 ~ 36
3.3
0
8000
65
86
21000
UFEC40-24S05
18 ~ 36
5
0
8000
80
88
13600
UFEC40-24S12
18 ~ 36
12
0
3333
85
87
2360
UFEC40-24S15
18 ~ 36
15
0
2666
90
88
1510
UFEC40-24S24
18 ~ 36
24
144
1800
30
86
600
UFEC40-24S28
18 ~ 36
28
122
1400
30
86
375
UFEC40-24D12
18 ~ 36
±12
±144
±1800
25
86
±1200
UFEC40-24D15
18 ~ 36
±15
±112
±1400
25
86
±750
UFEC40-24T3312
18 ~ 36
3.3 / ±12
600 / ±40
6000 / ±400
65
84
13000 / ±330
UFEC40-24T3315
18 ~ 36
3.3 / ±15
600 / ±30
6000 / ±300
65
84
13000 / ±110
UFEC40-24T0512
18 ~ 36
5 / ±12
600 / ±40
6000 / ±400
65
86
6800 / ±330
UFEC40-24T0515
18 ~ 36
5 / ±15
600 / ±30
6000 / ±300
75
86
6800 / ±110
UFEC40-48S3P3
36 ~ 75
3.3
0
8000
40
87
21000
UFEC40-48S05
36 ~ 75
5
0
8000
42
89
13600
UFEC40-48S12
36 ~ 75
12
0
3333
52
88
2360
UFEC40-48S15
36 ~ 75
15
0
2666
55
88
1510
UFEC40-48S24
36 ~ 75
24
144
1800
21
86
600
UFEC40-48S28
36 ~ 75
28
122
1400
21
86
375
UFEC40-48D12
36 ~ 75
±12
±144
±1800
18
86
±1200
UFEC40-48D15
36 ~ 75
±15
±112
±1400
18
86
±750
UFEC40-48T3312
36 ~ 75
3.3 / ±12
600 / ±40
6000 / ±400
40
85
13000 / ±330
UFEC40-48T3315
36 ~ 75
3.3 / ±15
600 / ±30
6000 / ±300
40
85
13000 / ±110
UFEC40-48T0512
36 ~ 75
5 / ±12
600 / ±40
6000 / ±400
40
87
6800 / ±330
UFEC40-48T0515
36 ~ 75
5 / ±15
600 / ±30
6000 / ±300
45
87
6800 / ±110


Similar Part No. - UFEC40-24T3315

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFEC40-24D12W P-DUKE-UFEC40-24D12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24D15W P-DUKE-UFEC40-24D15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S05W P-DUKE-UFEC40-24S05W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S12W P-DUKE-UFEC40-24S12W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC40-24S15W P-DUKE-UFEC40-24S15W Datasheet
529Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFEC40-24T3315

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com