Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAF150-110S24W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # WAF150-110S24W
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

WAF150-110S24W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  WAF150-110S24W Datasheet HTML 1Page - Power Mate Technology Co., LTD WAF150-110S24W Datasheet HTML 2Page - Power Mate Technology Co., LTD WAF150-110S24W Datasheet HTML 3Page - Power Mate Technology Co., LTD WAF150-110S24W Datasheet HTML 4Page - Power Mate Technology Co., LTD WAF150-110S24W Datasheet HTML 5Page - Power Mate Technology Co., LTD WAF150-110S24W Datasheet HTML 6Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
WAF150W
WAD150W
2
www.PDUKE.com
2014/05/19
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
24
48
110
36
75
160
VDC
Start-up voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
7.9
15.6
33.0
8.5
16.8
36.0
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
35
35
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
110Vin(nom)
50
100
185
VDC
Input filter
Pi type
Positive logic
(Standard)
DC-DC ON
DC-DC OFF
Open or 3 ~ 12VDC
Short or 0 ~ 1.2VDC
Referred to –Vin pin
Negative logic
(Option)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 12VDC
Remote ON/OFF
Input current of Ctrl pin
-0.5
1
mA
Remote off input current
3.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
-0.4
+0.4
%
Voltage adjustability
Use a resistor across on the Trim1 and Trim2 to adjust the output
voltage.
+20
%
Ripple and noise
Measured by 20MHz bandwidth
12Vout, 15Vout
24Vout, 28Vout
48Vout
100
200
350
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
200
µ
s
Over voltage protection
% of Vout(nom); Hiccup mode
125
140
%
Over load protection
% of Iout rated; CC Mode
105
120
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Case
2250
1600
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
3500
pF
24VDC input
48Vout
248
275
303
Others
270
300
330
48VDC input
48Vout
248
275
303
Others
270
300
330
Switching frequency
110VDC input
All
203
225
248
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
EN50155
Case material
Aluminum
Base material
Aluminum
Potting material
Silicone (UL94 V-0)
Weight
WAF150
WAD150
225g (7.94oz.)
220g (7.76oz.)
MTBF
MIL-HDBK-217F, Full load
4.954 x 10
5 hrs


Similar Part No. - WAF150-110S24W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
WAF150-110S24W P-DUKE-WAF150-110S24W Datasheet
784Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - WAF150-110S24W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com