Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVCH16501 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD74ALVCH16501
Description  18-bit Universal Bus Transceivers with 3-state Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD74ALVCH16501 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD74ALVCH16501 Datasheet HTML 5Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 6Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 7Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 8Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 9Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 10Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 11Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 12Page - Hitachi Semiconductor HD74ALVCH16501 Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD74ALVCH16501
10
tPLH
tPHL
tsu
th
VOH
VOL
tw
GND
VIH
GND
VIH
GND
VIH
GND
VIH
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Input
Output
Timing Input
Data Input
Input
• Waveforms – 1
• Waveforms – 2
10 %
90 %
tr
tf
10 %
90 %
10 %
90 %
tr


Similar Part No. - HD74ALVCH16501

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVCH16501 RENESAS-HD74ALVCH16501 Datasheet
241Kb / 12P
   18-bit Universal Bus Transceivers with 3-state Outputs
More results

Similar Description - HD74ALVCH16501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162500 HITACHI-HD74ALVCH162500 Datasheet
56Kb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT162601 TI1-SN54ABT162601_15 Datasheet
1Mb / 16P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16500 FAIRCHILD-74ABT16500 Datasheet
74Kb / 9P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com