Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV9123 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV9123
Description  High-Voltage, Current-Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9123 Datasheet(HTML) 5 Page - Supertex, Inc

  HV9123 Datasheet HTML 1Page - Supertex, Inc HV9123 Datasheet HTML 2Page - Supertex, Inc HV9123 Datasheet HTML 3Page - Supertex, Inc HV9123 Datasheet HTML 4Page - Supertex, Inc HV9123 Datasheet HTML 5Page - Supertex, Inc HV9123 Datasheet HTML 6Page - Supertex, Inc HV9123 Datasheet HTML 7Page - Supertex, Inc HV9123 Datasheet HTML 8Page - Supertex, Inc HV9123 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
HV9123
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Test Circuits
Detailed Description
Preregulator
The preregulator/startup circuit for the HV9123 consists of
a high-voltage n-channel depletion-mode DMOS transistor
driven by an error amplifier to form a variable current path
between the VIN terminal and the VDD terminal. Maximum
current (about 20 mA) occurs when V
DD = 0, with current re-
ducing as V
DD rises. This path shuts off altogether when VDD
rises to somewhere between 7.8 and 9.4V, so that if V
DD is
held at 10 or 12V by an external source (generally the sup-
ply the chip is controlling), no current other than leakage is
drawn through the high voltage transistor. This minimizes
dissipation.
An external capacitor between VDD and VSS is generally
required to store energy used by the chip in the time be-
tween shutoff of the high voltage path and the VDD supply’s
output rising enough to take over powering the chip. This
capacitor should have a value of 100X or more the effective
gate capacitance of the MOSFET being driven, i.e.,
C
STORAGE ≥ 100 x (gate charge of FET at 10V)
as well as very good high frequency characteristics. Stacked
polyester or ceramic caps work well. Electrolytic capacitors
are generally not suitable. A common resistor divider string
is used to monitor V
DD for both the undervoltage lockout cir-
cuit and the shutoff circuit of the high voltage FET. Setting
the undervoltage sense point about 0.6V lower on the string
than the FET shutoff point guarantees that the undervoltage
lockout always releases before the FET shuts off.
Bias Circuit
An external bias resistor, connected between the bias pin
and VSS is required by the HV9123 to set currents in a se-
ries of current mirrors used by the analog sections of the
chip. Nominal external bias current requirement is 15 to
20µA, which can be set by a 390 to 510KΩ resistor if a 10V
V
DD is used, or a 510 to 680KΩ resistor if VDD will be 12V. A
precision resistor is not required; ± 5% is fine.
Clock Oscillator
The clock oscillator of the HV9123 consists of a ring of
CMOS inverters, timing capacitors, and a capacitor dis-
charge FET. A single external resistor between the OSC IN
and OSC OUT pins is required to set oscillator frequency
(see graph). The discharge can either be connected to VSS
directly or connected to VSS through a resistor used to set
a dead time.
One difference exists between the Supertex HV9123 and
competitive 9123s: The oscillator is shut off when a shutoff
command is received. This saves about 150µA of quiescent
current, which aids in the construction of power supplies
to meet CCITT specification I-430, and in other situations
where an absolute minimum of quiescent power dissipation
is required.
Reference
The Reference of the HV9123 consists of a stable bandgap
reference followed by a buffer amplifier which scales the
voltage up to approximately 4.0V. The scaling resistors of
the reference buffer amplifier are trimmed during manufac-
ture so that the output of the error amplifier, when connected
in a gain of -1 configuration, is as close to 4.0V as possible.
This nulls out any input offset of the error amplifier. As a con-
sequence, even though the observed reference voltage of a
specific part may not be exactly 4.0V, the feedback voltage
required for proper regulation will be.
A ≈ 50KΩ resistor is placed internally between the output
of the reference buffer amplifier and the circuitry it feeds
(reference output pin and non-inverting input to the error
+
60.4K
40.2K
1.0V swept 100Hz - 2.2MHz
Tektronix
P6021
(1 turn
secondary)
0.1µF
+10V
(V
DD)
GND
(-V
IN)
(FB)
Error Amp Z
OUT
+
Reference
V
2
10.0V
4.0V
100K1%
100K 1%
PSRR
0.1µF
0.1V swept 10Hz - 1.0MHz
V
1
V
2
V
1
Reference
Note:
Set feedback voltage so that V
COMP = VDIVIDE ± 1.0mV before connecting transformer.


Similar Part No. - HV9123

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9123 SUTEX-HV9123 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123NG SUTEX-HV9123NG Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
logo
Microchip Technology
HV9123NG-G MICROCHIP-HV9123NG-G Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
HV9123NG-G-M901 MICROCHIP-HV9123NG-G-M901 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
More results

Similar Description - HV9123

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com