Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAF150-24S24W Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # WAF150-24S24W
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

WAF150-24S24W Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  WAF150-24S24W Datasheet HTML 1Page - Power Mate Technology Co., LTD WAF150-24S24W Datasheet HTML 2Page - Power Mate Technology Co., LTD WAF150-24S24W Datasheet HTML 3Page - Power Mate Technology Co., LTD WAF150-24S24W Datasheet HTML 4Page - Power Mate Technology Co., LTD WAF150-24S24W Datasheet HTML 5Page - Power Mate Technology Co., LTD WAF150-24S24W Datasheet HTML 6Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WAF150W
WAD150W
3
www.PDUKE.com
2014/05/19
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating case temperature
-40
+100
Maximum case temperature
+100
Over temperature protection
+110
Storage temperature range
-55
+125
Thermal impedance (1)
Vertical direction by natural convection (20LFM)
Only mount on the iron base-plate
Mount on the iron base-plate and top side with 7G-0058A Heat-sink
2.55
2.0
℃/W
Thermal shock
MIL-STD-810F
Shock
EN61373, MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
Relative humidity
5% to 95% RH
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI (2)
EN55011, EN55022
DC-DC module
Class A
ESD
EN61000-4-2
Air ± 8kV and Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (3)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (3)
EN61000-4-5
EN55024 ±1kV and EN50155 ±2kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Note:
1.
(1)The iron base-plate dimension is 19” * 3.5” * 0.063” (The height is EIA standard 2U).
(2)The heat-sink is optional and P/N is 7G-0058A-F.
2.
The standard modules meet EMI Class A without external components.
3.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: WAF(D)150-24S
W : Nippon chemi-con KY series, 470µF/50V.
WAF(D)150-24S
W :: Nippon chemi-con KY series, 220µF/100V.
WAF(D)150-110S
W : Nippon chemi-con KXJ series, 150µF/200V.
CAUTION: This power module is not internally fused; an input line fuse must always be used. If the load was having sourcing capability (Ex: Battery or
Super Capacitor), an output line fuse must always be used.
CHARACTERISTIC CURVE
WAF(D)150-48S24W Derating Curve (Note 1)
WAF(D)150-48S24W Derating Curve (Note 1)
With Heat-sink
WAF(D)150-48S24W Efficiency vs. Input Voltage
WAF(D)150-48S24W Efficiency vs. Output Load


Similar Part No. - WAF150-24S24W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
WAF150-24S24W P-DUKE-WAF150-24S24W Datasheet
784Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - WAF150-24S24W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com