Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAF150-24S15W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # WAF150-24S15W
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

WAF150-24S15W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  WAF150-24S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD WAF150-24S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD WAF150-24S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD WAF150-24S15W Datasheet HTML 4Page - Power Mate Technology Co., LTD WAF150-24S15W Datasheet HTML 5Page - Power Mate Technology Co., LTD WAF150-24S15W Datasheet HTML 6Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.PDUKE.com
2014/05/19
WAF150W
WAD150W SERIES
DC-DC CONVERTER
WAF150W
WAD150W
4:1 ULTRA WIDE INPUT RANGE
UP TO 200Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
2250VDC INPUT TO OUTPUT INSULATION
WAF150:3.86X2.560X0.67 INCH / WAD150:3.86X2.067X0.67 INCH
CV+CC MODE
BUILT-IN EN55011 & EN55022 CLASS A FILTER
SIX-SIDED CONTINUOUS SHIELD
WALL MOUNT APPLICATION
TOP SIDE AND BOTTOM SIDE HEAT DISSIPATION
ADJUSTABLE OUTPUT VOLTAGE
INPUT REVERSE PROTECTION
UL60950-1, EN60950-1, IEC60950-1, & EN50155 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
BATTERY CHARGER
2250VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
OTP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
A
mA
%
µ
F
WAF(D)150-24S12W
9 ~ 36
12
12.5
70
86
40000
WAF(D)150-24S15W
9 ~ 36
15
10
80
86
26000
WAF(D)150-24S24W
9 ~ 36
24
6.3
95
87
10000
WAF(D)150-24S28W
9 ~ 36
28
5.4
120
87
7600
WAF(D)150-24S48W
9 ~ 36
48
3.2
130
86
2600
WAF(D)150-48S12W
18 ~ 75
12
12.5
50
88
40000
WAF(D)150-48S15W
18 ~ 75
15
10
60
89
26000
WAF(D)150-48S24W
18 ~ 75
24
6.3
60
89
10000
WAF(D)150-48S28W
18 ~ 75
28
5.4
70
89
7600
WAF(D)150-48S48W
18 ~ 75
48
3.2
70
88
2600
WAF(D)150-110S12W
43 ~ 160
12
12.5
25
88
40000
WAF(D)150-110S15W
43 ~ 160
15
10
25
89
26000
WAF(D)150-110S24W
43 ~ 160
24
6.3
25
89
10000
WAF(D)150-110S28W
43 ~ 160
28
5.4
25
89
7600
WAF(D)150-110S48W
43 ~ 160
48
3.2
35
88
2600
PART NUMBER STRUCTURE
WAF150
WAD150
- 24
S
12 W -
N
F
HC
Series Name
Input
Output
Output
Input
Remote Control
Filter
Heat-sink
Voltage
Quantity
Voltage
Range
Option
Option
(VDC)
(VDC)
Option
24:9~36
S:Single
12:12
4:1
:Positive logic
:NC
:NC
48:16.5~75
15:15
N:Negative logic
F:With EMI filter module
HC: H=0.670” Horizontal, 7G-0058A-F
110:43~160
24:24
28:28
48:48
(1) EMI filter meet EN55022 Class B.
This EMI filter is used for WAD150-24S
W and WAD150-48S
W only, not for other items. (Ex: WAD150-24S24W-F)


Similar Part No. - WAF150-24S15W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
WAF150-24S15W P-DUKE-WAF150-24S15W Datasheet
784Kb / 6P
   DC-DC CONVERTER
More results

Similar Description - WAF150-24S15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com