Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URED20-24S15W Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # URED20-24S15W
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

URED20-24S15W Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  URED20-24S15W Datasheet HTML 1Page - Power Mate Technology Co., LTD URED20-24S15W Datasheet HTML 2Page - Power Mate Technology Co., LTD URED20-24S15W Datasheet HTML 3Page - Power Mate Technology Co., LTD URED20-24S15W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
24
48
110
36
75
160
VDC
Input fuse (slow blow)
24Vin(nom)
48Vin(nom)
110Vin(nom)
6
4
2
A
In-rush current
15
A
Input reflected ripple current
Nominal input and Full load
30
mAp-p
Start up voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
9
18
43
VDC
Shutdown voltage
24Vin(nom)
48Vin(nom)
110Vin(nom)
8
16
40
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
100
30
ms
Input surge voltage
1 second, max.
24Vin(nom)
48Vin(nom)
110Vin(nom)
50
100
170
VDC
Positive logic
(Standard)
DC-DC ON
DC-DC OFF
Open or 3 ~ 15VDC
Short or 0 ~ 1.2VDC
Referenced to –Vin pin
Negative logic
(Option)
DC-DC ON
DC-DC OFF
Short or 0 ~ 1.2VDC
Open or 3 ~ 15VDC
Remote ON/OFF
Input current of CTRL pin
-0.5
1
mA
Remote off input current
5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Line regulation
Low Line to High Line at Full Load
Single
Dual
-0.2
-0.5
+0.2
+0.5
%
Load regulation
No Load to Full Load
3.3Vout
Others
-1.5
-1.0
+1.5
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Voltage adjustability
Single output
-10
10
%
Ripple and noise
Measured by 20MHz bandwidth
75
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
250
µ
s
Over voltage protection
Zener diode clamp
3.3Vout
5Vout
12Vout
15Vout
3.9
6.2
15
20
VDC
Output indicator
Green LED
Over load protection
% of Iout rated
150
%
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Chassis
1600
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
5000
pF
Switching frequency
297
330
363
kHz
Safety meets
UL60950-1
EN60950-1
IEC60950-1
EN50155
Chassis material
Aluminum
Weight
105g (3.70oz)
MTBF
MIL-HDBK-217F, Full load
1.338 x 10
6 hrs


Similar Part No. - URED20-24S15W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE1D15LD-20WR3 MORNSUN-URE1D15LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE1D24LD-20WR3 MORNSUN-URE1D24LD-20WR3 Datasheet
3Mb / 8P
   20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
URE2405LP-10WR3 MORNSUN-URE2405LP-10WR3 Datasheet
2Mb / 6P
   10W, Ultra wide input isolated & regulated dual/single Output,DC-DC converter
More results

Similar Description - URED20-24S15W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com