Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WAD150W Datasheet(PDF) 6 Page - Power Mate Technology Co., LTD

Part # WAD150W
Description  DC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

WAD150W Datasheet(HTML) 6 Page - Power Mate Technology Co., LTD

  WAD150W_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD WAD150W_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD WAD150W_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD WAD150W_14 Datasheet HTML 4Page - Power Mate Technology Co., LTD WAD150W_14 Datasheet HTML 5Page - Power Mate Technology Co., LTD WAD150W_14 Datasheet HTML 6Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
WAF150W
WAD150W
6
www.PDUKE.com
2014/05/19
MECHANICAL DRAWING (CONTINUED)
WAD150-24S
W-F
WAD150-48S
W-F
TERMINAL CONNECTION
PIN
DEFINE
WIRE GAUGE
RECOMMENDATIONS
1
+Vin
14~16AWG
2
+Vin
14~16AWG
3
-Vin
14~16AWG
4
-Vin
14~16AWG
5
Ctrl
14~24AWG
6
+Vout
14~16AWG
7
-Vout
14~16AWG
8
Trim 1
14~24AWG
9
Trim 2
14~24AWG
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the
method shown below.
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pole pitch tolerance ±0.01 (0.25)
4. Screw locked torque: MAX 5.0kgf-cm(0.49N-m)
5. Terminal screw locked torque:
MAX 2.5kgf-cm(0.25N-m)
HEAT-SINK OPTION
Heat-sink Part No: 7G-0058A-F, Suffix:-HC
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)


Similar Part No. - WAD150W_14

ManufacturerPart #DatasheetDescription
logo
American Portwell Techn...
WADE-8020 PORTWELL-WADE-8020 Datasheet
105Kb / 1P
   Intel짰 CoreTM i5/ i7 processor based Mini-ITX with DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet and USB Ports
WADE-8022 PORTWELL-WADE-8022 Datasheet
1Mb / 1P
   Intel짰 Core??i3/i5/i7 mobile processor based Mini-ITX Board with dual Gigabit Ethernet, four SATA III ports, Six COM ports, one PCIe x16 expansion slot and Dual Mini-PCIe slot with mSATA interface
logo
M-System Co.,Ltd.
WADS MSYSTEM-WADS Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WADS-111-B MSYSTEM-WADS-111-B Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
WADS-111-B/E MSYSTEM-WADS-111-B/E Datasheet
103Kb / 3P
   Dual Output Plug-in Signal Conditioners W-UNIT
More results

Similar Description - WAD150W_14

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com