Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFED20-12S15 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # UFED20-12S15
Description  CHASSIS-MOUNT DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UFED20-12S15 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  UFED20-12S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD UFED20-12S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD UFED20-12S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD UFED20-12S15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2014/6/5
UFED20 SERIES
CHASSIS-MOUNT DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 20 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
APPLICATION OF CHASSIS-MOUNT DC/DC CONVERTERS
SCREW TERMINALS FOR INPUT AND OUTPUT CONNECTIONS
INTERNAL INPUT FUSE PROTECTION
INTERNAL OUTPUT LED INDICATOR
MEET EN55022 CLASS B
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
OCP
SCP
OVP
FUSE
INCLUDED
INRUSH
LIMIT
REVERSE
POLARITY
PROTECTION
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
UFED20-12S3P3
9.5 ~ 18
3.3
5000
117
84
13000
UFED20-12S05
9.5 ~ 18
5
4000
78
86
6800
UFED20-12S12
9.5 ~ 18
12
1670
96
85
2200
UFED20-12S15
9.5 ~ 18
15
1330
43
85
755
UFED20-12D12
9.5 ~ 18
±12
±833
51
85
±680
UFED20-12D15
9.5 ~ 18
±15
±667
58
85
±450
UFED20-24S3P3
18 ~ 36
3.3
5000
31
85
13000
UFED20-24S05
18 ~ 36
5
4000
36
88
6800
UFED20-24S12
18 ~ 36
12
1670
58
86
2200
UFED20-24S15
18 ~ 36
15
1330
44
86
755
UFED20-24D12
18 ~ 36
±12
±833
33
86
±680
UFED20-24D15
18 ~ 36
±15
±667
34
87
±450
UFED20-48S3P3
36 ~ 75
3.3
5000
16
86
13000
UFED20-48S05
36 ~ 75
5
4000
21
88
6800
UFED20-48S12
36 ~ 75
12
1670
37
87
2200
UFED20-48S15
36 ~ 75
15
1330
52
86
755
UFED20-48D12
36 ~ 75
±12
±833
22
87
±680
UFED20-48D15
36 ~ 75
±15
±667
22
87
±450
PART NUMBER STRUCTURE
UFED20 -
48
S
05
-
N
EC
Series Name
Input
Voltage
Output
Quantity
Output
Voltage
Remote Control
Option
Assembly Option
(VDC)
(VDC)
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
12:
24:
48:
9.5~18
18~36
36~75
D: Dual
12:
15:
±12
±15
:
N:
Positive logic
Negative logic
:
EC:
DR:
ED:
No Assembly Option
Enclosed Mounting Type
Din Rail Mounting Type
Enclosed & Din Rail Mounting Type


Similar Part No. - UFED20-12S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UFED20-24D05W P-DUKE-UFED20-24D05W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24D12W P-DUKE-UFED20-24D12W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24D15W P-DUKE-UFED20-24D15W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24S05W P-DUKE-UFED20-24S05W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
UFED20-24S12W P-DUKE-UFED20-24S12W Datasheet
528Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results

Similar Description - UFED20-12S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
UFEC40 P-DUKE-UFEC40_14 Datasheet
542Kb / 5P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
   chassis mount dc-dc converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com