Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAF150US12 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # TAF150US12
Description  2 X 4 Inch AC-DC POWER SUPPLIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

TAF150US12 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  TAF150US12 Datasheet HTML 1Page - Power Mate Technology Co., LTD TAF150US12 Datasheet HTML 2Page - Power Mate Technology Co., LTD TAF150US12 Datasheet HTML 3Page - Power Mate Technology Co., LTD TAF150US12 Datasheet HTML 4Page - Power Mate Technology Co., LTD TAF150US12 Datasheet HTML 5Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAF150
2
www.PDUKE.com
2014/7/30
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
AC input
DC input
85
120
264
370
VAC
VDC
Input frequency
AC input
47
63
Hz
Input current
115VAC and Full Load
230VAC and Full Load
1.7
0.8
A
No load input power
230VAC
230VAC
TEF -F
0.6
0.3
Watts
Leakage current
264VAC
300
µ
A
Power Factor
0.95
Start up time
1000
ms
Rise time
20
ms
Hold up time
115VAC and Full Load
16
ms
Input inrush current
230VAC
100
A
Input protection
Internal fuse
T3.15A/250VAC
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output power
Forced air cooling with 10CFM
Natural convection for 15Vout, 24Vout, 28Vout, 36Vout
Natural convection for 12Vout, 48Vout
150
110
100
Watts
Initial set voltage accuracy
230VAC and Full Load
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
10% Load to 90% Load
-0.5
-0.4
+0.5
+0.4
%
Voltage adjustability
-10
+10
%
Minimum load
0
%
Ripple and noise
Measured by 20MHz bandwidth
With a 1µF/25V 1206 X7R MLCC
With a 1µF/25V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 1µF/50V 1206 X7R MLCC
With a 0.1µF/100V 1206 X7R MLCC
12Vout
15Vout
24Vout
28Vout
36Vout
48Vout
120
150
220
220
250
250
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response
Load step form 50 ~ 75% change at 2.5A/µs
Peak deviation
Recovery time
500
3
% Vout
µ
s
Over voltage protection
% of Vout(nom); Latch mode
115
135
%
Over load protection
% of Iout rated; Hiccup mode
115
150
%
Short circuit protection
Continuous, automatics recovery
Fan power supply
12V at 500mA
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute (Reinforced insulation)
Input to Output
Input (Output) to F.G.
3000
1500
VAC
Isolation resistance
500VDC
0.1
G
Switching frequency
60
kHz
Safety approvals
UL60950-1
EN60950-1
IEC60950-1
Weight
TAF
TUF
TEF
TDF
187g (6.60oz)
235g (8.29oz)
256g (9.03oz)
278g (9.81oz)
MTBF
MIL-HDBK-217F Ta=25
℃, Full load
7.861 x 10
5 hrs
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
Forced air cooling: 150W with 10CFM
With derating
-40
+80
Natural convection: 100 ~ 110W
-40
℃ start up : 80% Load,max. @ Vin > 100VAC
-40
℃ start up : 100% Load,max. @ Vin > 200VAC
With derating
-40
+80
Storage temperature range
-40
+85
Operating altitude
5000
m
Thermal shock
MIL-STD-810F
Shock
IEC68-2-27
Vibration
IEC68-2-6
Relative humidity
Non-condensing
5% to 95% RH


Similar Part No. - TAF150US12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TAF150US12 P-DUKE-TAF150US12 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
More results

Similar Description - TAF150US12

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
TEF150 P-DUKE-TEF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TUF150 P-DUKE-TUF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
TDF150 P-DUKE-TDF150_14 Datasheet
1Mb / 5P
   2 X 4 Inch AC-DC POWER SUPPLIES
logo
TDK Electronics
CUS250M TDK-CUS250M Datasheet
2Mb / 10P
   2 x 4” 250W AC-DC Power Supplies
August 23rd 2022 V2
logo
MicroPower Direct, LLC
MPM-07S MPD-MPM-07S Datasheet
234Kb / 2P
   Compact 1 x 2 Inch 7W, Single Output AC/DC Power Supplies
logo
TDK Electronics
ZPSA20-12 TDK-ZPSA20-12 Datasheet
315Kb / 2P
   2 x 3.5??14-22W AC-DC Power Supplies
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAB120-28 MURATA-PS-MVAB120-28 Datasheet
429Kb / 7P
   120W 2 x 4 AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com