Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS02-05S3P3 Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # SDS02-05S3P3
Description  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

SDS02-05S3P3 Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  SDS02-05S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD SDS02-05S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD SDS02-05S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD SDS02-05S3P3 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0
www.PDUKE.com
2014/04/30
SDS02
SDH02
SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 2.01 WATTS
FEATURES
APPLICATIONS
ULTRA SMALL SMD AND DIP PACKAGE, 0.52 x 0.36x 0.40 INCH WITH REGULATED
SMD PACKAGE QUALIFIED FOR LEADFREE REFLOW SOLDER PROCESS
ACCORDING IPC J-STD-020D
NO MINIMUM LOAD REQUIRED
CONTINUOUS SHORT CIRCUIT PROTECTION
1600VDC INPUT TO OUTPUT ISOLATION AND 3000VDC FOR OPTION
SAFETY MEETS UL60950-1, EN60950-1, & IEC60950-1
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
SDS(H)02-05S3P3
4.5 ~ 9
3.3
500
34
77
2200
SDS(H)02-05S05
4.5 ~ 9
5
400
34
81
1000
SDS(H)02-05S12
4.5 ~ 9
12
167
42
84
550
SDS(H)02-05S15
4.5 ~ 9
15
134
42
85
440
SDS(H)02-05S24
4.5 ~ 9
24
83
42
85
200
SDS(H)02-05D05
4.5 ~ 9
±5
±200
42
81
±660
SDS(H)02-05D12
4.5 ~ 9
±12
±83
42
85
±330
SDS(H)02-05D15
4.5 ~ 9
±15
±67
42
85
±220
SDS(H)02-12S3P3
9 ~ 18
3.3
500
24
78
2200
SDS(H)02-12S05
9 ~ 18
5
400
24
81
1000
SDS(H)02-12S12
9 ~ 18
12
167
28
84
550
SDS(H)02-12S15
9 ~ 18
15
134
28
85
440
SDS(H)02-12S24
9 ~ 18
24
83
28
85
200
SDS(H)02-12D05
9 ~ 18
±5
±200
28
81
±660
SDS(H)02-12D12
9 ~ 18
±12
±83
28
85
±330
SDS(H)02-12D15
9 ~ 18
±15
±67
28
86
±220
SDS(H)02-24S3P3
18 ~ 36
3.3
500
10
78
2200
SDS(H)02-24S05
18 ~ 36
5
400
10
81
1000
SDS(H)02-24S12
18 ~ 36
12
167
14
84
550
SDS(H)02-24S15
18 ~ 36
15
134
14
85
440
SDS(H)02-24S24
18 ~ 36
24
83
14
85
200
SDS(H)02-24D05
18 ~ 36
±5
±200
14
81
±660
SDS(H)02-24D12
18 ~ 36
±12
±83
14
85
±330
SDS(H)02-24D15
18 ~ 36
±15
±67
14
86
±220
SDS(H)02-48S3P3
36 ~ 75
3.3
500
7
77
2200
SDS(H)02-48S05
36 ~ 75
5
400
7
81
1000
SDS(H)02-48S12
36 ~ 75
12
167
8
84
550
SDS(H)02-48S15
36 ~ 75
15
134
8
85
440
SDS(H)02-48S24
36 ~ 75
24
83
8
85
200
SDS(H)02-48D05
36 ~ 75
±5
±200
8
81
±660
SDS(H)02-48D12
36 ~ 75
±12
±83
8
85
±330
SDS(H)02-48D15
36 ~ 75
±15
±67
8
85
±220


Similar Part No. - SDS02-05S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SDS02-05S3P3 P-DUKE-SDS02-05S3P3 Datasheet
701Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - SDS02-05S3P3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com