Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEB125 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # QEB125
Description  125 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

QEB125 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  QEB125_14 Datasheet HTML 1Page - Power Mate Technology Co., LTD QEB125_14 Datasheet HTML 2Page - Power Mate Technology Co., LTD QEB125_14 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
www.pduke.com
2014/4/30
QEB125 SERIES
125 WATTS
DC-DC CONVERTER
MECHANICAL DRAWING
PIN CONNECTION
PIN
DEFINE
DIAMETER
1
-INPUT
0.040 Inch
(1.02mm)
2
CTRL
0.040 Inch
(1.02mm)
3
+INPUT
0.040 Inch
(1.02mm)
4
-OUTPUT
0.060 Inch
(1.52mm)
5
-SENSE
0.040 Inch
(1.02mm)
6
TRIM
0.040 Inch
(1.02mm)
7
+SENSE
0.040 Inch
(1.02mm)
8
+OUTPUT
0.060 Inch
(1.52mm)
Remote On/Off and Pin Options
Suffix
Heat-Sink and Mounting Hole Tread Options
Suffix
Negative remote ON/OFF logic, 0.200” pin length (standard)
-
Without heat-sink
-
Negative remote ON/OFF logic, 0.145” pin length
-L
7G-0029A-F
-HS
Positive remote ON/OFF logic, 0.200” pin length
-P
7G-0030A-F
- HS1
Positive remote ON/OFF logic, 0.145” pin length
-S
7G-0031A-F
- HS2
7G-0032A-F
- HS3
Through hole (No thread)
-TH
Example
:QEB125-48S3P3-PHS
* The module can’t equip heat-sink with TH option.
7
6
TRIM UP
6
5
TRIM DOWN
Output can be externally trimmed by
using the method shown below.
EXTERNAL OUTPUT TRIMMING
RU
RD
1. All dimensions in Inch (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01 (0.25)
3. Pin dimension tolerance ±0.004 (0.1)


Similar Part No. - QEB125_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB125-24S05 P-DUKE-QEB125-24S05 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
QEB125-24S12 P-DUKE-QEB125-24S12 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
QEB125-24S15 P-DUKE-QEB125-24S15 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
QEB125-24S3P3 P-DUKE-QEB125-24S3P3 Datasheet
312Kb / 4P
   125 WATTS MAXIMUM OUTPUT POWER
logo
List of Unclassifed Man...
QEB125-48S05 ETC1-QEB125-48S05 Datasheet
105Kb / 2P
   SINGLE OUTPUT
More results

Similar Description - QEB125_14

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
QEB125 P-DUKE-QEB125 Datasheet
395Kb / 3P
   125 WATTS DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com