Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G510599 Datasheet(PDF) 1 Page - E-SWITCH

Part # G510599
Description  ALL DIMENSIONS IN MM[INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

G510599 Datasheet(HTML) 1 Page - E-SWITCH

  G510599 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
KC60D0.001NLF
1.5:1
7/7/2006
G510599
A
CT
1
1
A
1
3
5
7
9 11
CONTACT CONFIGURATION
TIMING (BBM) NON-SHORTING
A
A
8.00
[.315 in]
14.20
[.559 in]
2.00
[.079 in]
2.00
[.079 in]
6.30
[.248 in]
14.20
[.559 in]
n26.00
[1.024 in]
NOTE:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERANCE ONLY.
4. CONTACT MATERIAL: GOLD
5. CONTACT RATING: 150MILLIAMP, 250VAC/DC
350MILLIAMP, 110VAC/DC
6. CONTACT RATING (NON-SWITCHING) 5A
7. OPERATING FORCE 425
`100CM/STANDARD
8. OPERATING TEMP: -30
~C TO 85~C
9. CIRUIT SP: 6 POSITION 60
~ INDEX.
10. DIELECTRIC STRENGTH: 1000V RMS MIN.@ SEA LEVEL.
11. HARDWARE SUPPLIED ON SWITCH:
LOCKWASHER, HEXNUT, AND LOCK RING
12.
DENOTES CRITICAL PARAMETER.
13. 2002/95/EC (ROHS) COMPLIANT
HARDWARE SUPPIED
ON SWITCH
A
16207
RELEASED FOR PRODUCTION
7/7/06
CT
3/8-32 UNEF-2A
THREADS
60.0°


Similar Part No. - G510599

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
G510591 E-SWITCH-G510591 Datasheet
36Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510592 E-SWITCH-G510592 Datasheet
255Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510594 E-SWITCH-G510594 Datasheet
145Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510595 E-SWITCH-G510595 Datasheet
37Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
G510596 E-SWITCH-G510596 Datasheet
38Kb / 1P
   ALL DIMENSIONS IN MM[INCH]
More results

Similar Description - G510599

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com