Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV4522PJ-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV4522PJ-G
Description  32-Channel Serial to Parallel Converter with P-Channel Open Drain Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV4522PJ-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV4522PJ-G Datasheet HTML 1Page - Supertex, Inc HV4522PJ-G Datasheet HTML 2Page - Supertex, Inc HV4522PJ-G Datasheet HTML 3Page - Supertex, Inc HV4522PJ-G Datasheet HTML 4Page - Supertex, Inc HV4522PJ-G Datasheet HTML 5Page - Supertex, Inc HV4522PJ-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
HV4522
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
+0.5V to -16V
Output voltage , V
PP
+0.5V to -240V
Logic input levels
+0.5V to V
DD -0.3V
Ground current(1)
1.5A
Continuous total power dissipation(2)
1200mW
Operating temperature range
-40°C to +85°C
Storage temperature range
-65°C to +150°C
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect device
reliability. All voltages are referenced to V
SS.
Notes:
1.
Duty cycle limited by the total power dissipated in the package.
2.
For operation above 25°C ambiant derate linearly to maximum
operating temperature at 20mW/°C.
Recommended Operating Conditions
Sym
Parameter
Min
Max
Units
V
DD
Logic supply voltage
-10.8
-13.2
V
V
PP
Output voltage
+0.3
-220
V
V
IH
High-level input voltage (Logic “1”)
V
DD +2.0V
V
DD
V
V
IL
Low-level input voltage (Logic “0”)
0
-2.0
V
f
CLK
Clock frequency
-
8.0
MHz
T
A
Operating free-air temperature
-40
+85
°C
Note:
All voltages are referenced to V
SS
Pin Configuration
Product Marking
44-Lead PLCC (PJ)
YY = Year Sealed
WW = Week Sealed
L = Lot Number
A = Assembler ID
C = Country of Origin*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
YYWW AAA
HV4522PJ
LLLLLLLLLL
CCCCCCCCCCC
1 44
6
40
44-Lead PLCC (PJ)
(top view)
Ordering Information
Device
Package Option
44-Lead PLCC
.653x.653in body
.180in height (max)
.050in pitch
HV4522
HV4522PJ-G
-G indicates package is RoHS compliant (‘Green’)
Package may or may not include the following marks: Si or


Similar Part No. - HV4522PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV4522PJ SUTEX-HV4522PJ Datasheet
49Kb / 6P
   32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
More results

Similar Description - HV4522PJ-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV4522 SUTEX-HV4522 Datasheet
49Kb / 6P
   32 CHANNEL SERIAL TO PARALLEL CONVERTER WITH P CHANNEL OPEN DRAIN OUTPUTS
HV4530 SUTEX-HV4530 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter with P-Channel Open Drain Outputs
HV5122 SUTEX-HV5122 Datasheet
451Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
   32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
   32-Channel Serial To Parallel Converter With Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com