Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFKC05-12S15 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # PFKC05-12S15
Description  5 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PFKC05-12S15 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  PFKC05-12S15 Datasheet HTML 1Page - Power Mate Technology Co., LTD PFKC05-12S15 Datasheet HTML 2Page - Power Mate Technology Co., LTD PFKC05-12S15 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
PFKC05 SERIES
5 WATTS
DC-DC CONVERTER
PFKC05-48S05 Derating Curve
PFKC05-48S05 Efficiency VS Input Voltage
PFKC05-48S05 Efficiency VS Output Current
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max
PFKC05-12S33
9 ~18 VDC
3.3 VDC
100mA
1000mA
75mVp-p
25mA
72
2200µF
PFKC05-12S05
9 ~18 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
76
1000µF
PFKC05-12S12
9 ~18 VDC
12 VDC
47mA
470mA
120mVp-p
30mA
80
220µF
PFKC05-12S15
9 ~18 VDC
15 VDC
40mA
400mA
150mVp-p
20mA
80
150µF
PFKC05-12D05
9 ~18 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
20mA
77
± 680µF
PFKC05-12D12
9 ~18 VDC
± 12 VDC
±20mA
± 230mA
120mVp-p
50mA
80
± 100µF
PFKC05-12D15
9 ~18 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
30mA
80
± 68µF
PFKC05-24S33
18 ~ 36 VDC
3.3 VDC
100mA
1000mA
75mVp-p
15mA
72
2200µF
PFKC05-24S05
18 ~ 36 VDC
5 VDC
100mA
1000mA
75mVp-p
10mA
79
1000µF
PFKC05-24S12
18 ~36 VDC
12 VDC
47mA
470mA
120mVp-p
10mA
81
220µF
PFKC05-24S15
18 ~ 36 VDC
15 VDC
40mA
400mA
150mVp-p
10mA
81
150µF
PFKC05-24D05
18 ~ 36 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
78
± 680µF
PFKC05-24D12
18 ~ 36 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
40mA
81
± 100µF
PFKC05-24D15
18 ~ 36 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
81
± 68µF
PFKC05-48S33
36 ~ 75 VDC
3.3 VDC
100mA
1000mA
75mVp-p
5mA
73
2200µF
PFKC05-48S05
36 ~ 75 VDC
5 VDC
100mA
1000mA
75mVp-p
5mA
78
1000µF
PFKC05-48S12
36 ~ 75 VDC
12 VDC
47mA
470mA
120mVp-p
5mA
81
220µF
PFKC05-48S15
36 ~ 75 VDC
15 VDC
40mA
400mA
150mVp-p
5mA
81
150µF
PFKC05-48D05
36 ~ 75 VDC
± 5 VDC
±50mA
± 500mA
75mVp-p
10mA
77
± 680µF
PFKC05-48D12
36 ~ 75 VDC
± 12 VDC
±23mA
± 230mA
120mVp-p
10mA
81
± 100µF
PFKC05-48D15
36 ~75 VDC
± 15 VDC
±19mA
± 190mA
150mVp-p
10mA
81
± 68µF
Note
1. MIL-HDBK-217F @Ta=25 ºC, Full load.
2. Typical value at nominal input and full load. (20MHz BW.)
3. Typical value at nominal input and no load.
4. Typical value at nominal input and full load.
5. Test by minimum input and constant resistive load.
6. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
7. The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices,
however they may not meet all listed specification.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - PFKC05-12S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC05-12S15 ETC1-PFKC05-12S15 Datasheet
97Kb / 2P
   5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
logo
Power Mate Technology C...
PFKC05-12S15 P-DUKE-PFKC05-12S15 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05-12S15 RSG-PFKC05-12S15 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results

Similar Description - PFKC05-12S15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FDC05W P-DUKE-FDC05W_14 Datasheet
393Kb / 2P
   5 WATTS DC-DC CONVERTER
logo
C&D Technologies
PWR7004AC CANDD-PWR7004AC Datasheet
200Kb / 3P
   5 WATTS REGULATED DC/DC CONVERTER
logo
Wall Industries,Inc.
DCMIW05 WALL-DCMIW05 Datasheet
331Kb / 5P
   5 Watts DC/DC Converter Single and Dual Outputs
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com