Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKC03-48D05 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # MKC03-48D05
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

MKC03-48D05 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  MKC03-48D05 Datasheet HTML 1Page - Power Mate Technology Co., LTD MKC03-48D05 Datasheet HTML 2Page - Power Mate Technology Co., LTD MKC03-48D05 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2014/4/30
MCK03 SERIES
3 WATTS
DC-DC CONVERTER
Output Current
No load
(2)
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(3)
Ripple & Noise
Input Current
Eff
(3)
(%)
Capacitor
(4)
Load max
MKC03-12S33
9 ~ 18 VDC
3.3 VDC
0mA
500mA
50mVp-p
8mA
74
2200µF
MKC03-12S05
9 ~ 18 VDC
5 VDC
0mA
500mA
50mVp-p
10mA
77
1000µF
MKC03-12S12
9 ~ 18 VDC
12 VDC
0mA
250mA
50mVp-p
13mA
79
220µF
MKC03-12S15
9 ~ 18 VDC
15 VDC
0mA
200mA
50mVp-p
13mA
80
150µF
MKC03-12D05
9 ~ 18 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
13mA
75
± 470µF
MKC03-12D12
9 ~ 18 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
16mA
80
± 100µF
MKC03-12D15
9 ~ 18 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
16mA
80
± 68µF
MKC03-12DS05 9 ~ 18 VDC
V1:5 VDC;V2:5 VDC
0mA
V1:
250mA;V2:250mA
50mVp-p
18mA
75
V1:470µ
F;V2:470µF
MKC03-12DS12 9 ~ 18 VDC V1:12 VDC;V2:12 VDC
0mA
V1:
125mA;V2:125mA
50mVp-p
18mA
80
V1:100µ
F;V2:100µF
MKC03-12DS15 9 ~ 18 VDC V1:15 VDC;V2:15 VDC
0mA
V1:
100mA;V2:100mA
50mVp-p
18mA
80
V1:68µ
F;V2:68µF
MKC03-24S33 18 ~ 36 VDC
3.3 VDC
0mA
500mA
50mVp-p
12mA
72
2200µF
MKC03-24S05 18 ~ 36 VDC
5 VDC
0mA
500mA
50mVp-p
12mA
74
1000µF
MKC03-24S12 18 ~ 36 VDC
12 VDC
0mA
250mA
50mVp-p
16mA
78
220µF
MKC03-24S15 18 ~ 36 VDC
15 VDC
0mA
200mA
50mVp-p
16mA
78
150µF
MKC03-24D05 18 ~ 36 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
18mA
75
± 470µF
MKC03-24D12 18 ~ 36 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
18mA
78
± 100µF
MKC03-24D15 18 ~ 36 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
18mA
78
± 68µF
MKC03-24DS05 18 ~ 36 VDC V1:5 VDC;V2:5 VDC
0mA
V1:
250mA;V2:250mA
50mVp-p
16mA
75
V1:470µ
F;V2:470µF
MKC03-24DS12 18 ~ 36 VDC V1:12 VDC;V2:12 VDC
0mA
V1:
125mA;V2:125mA
50mVp-p
20mA
78
V1:100µ
F;V2:100µF
MKC03-24DS15 18 ~ 36 VDC V1:15 VDC;V2:15 VDC
0mA
V1:
100mA;V2:100mA
50mVp-p
20mA
78
V1:68µ
F;V2:68µF
MKC03-48S33 36 ~ 75 VDC
3.3 VDC
0mA
500mA
50mVp-p
8mA
76
2200µF
MKC03-48S05 36 ~ 75 VDC
5 VDC
0mA
500mA
50mVp-p
10mA
74
1000µF
MKC03-48S12 36 ~ 75 VDC
12 VDC
0mA
250mA
50mVp-p
10mA
79
220µF
MKC03-48S15 36 ~ 75 VDC
15 VDC
0mA
200mA
50mVp-p
10mA
79
150µF
MKC03-48D05 36 ~ 75 VDC
± 5 VDC
0mA
± 250mA
50mVp-p
10mA
74
± 470µF
MKC03-48D12 36 ~ 75 VDC
± 12 VDC
0mA
± 125mA
50mVp-p
12mA
77
± 100µF
MKC03-48D15 36 ~ 75 VDC
± 15 VDC
0mA
± 100mA
50mVp-p
12mA
77
± 68µF
MKC03-48DS05 36 ~ 75 VDC V1:5 VDC;V2:5 VDC
0mA
V1:
250mA;V2:250mA
50mVp-p
18mA
74
V1:470µ
F;V2:470µF
MKC03-48DS12 36 ~ 75 VDC V1:12 VDC;V2:12 VDC
0mA
V1:
125mA;V2:125mA
50mVp-p
18mA
77
V1:100µ
F;V2:100µF
MKC03-48DS15 36 ~ 75 VDC V1:15 VDC;V2:15 VDC
0mA
V1:
100mA;V2:100mA
50mVp-p
18mA
77
V1:68µ
F;V2:68µF
Note
1.
MIL-HDBK-217F @Ta=25 ºC, Full load.
2.
Typical value at nominal input and no load.
3.
Typical value at nominal input and full load.
4.
Test by minimum input and constant resistive load.
5.
M1 version is more efficient, therefore, it can be operated in a more extensive temperature range than standard.
6.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - MKC03-48D05

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MKC03-48D05 ASTRODYNE-MKC03-48D05 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
MKC03-48D05 P-DUKE-MKC03-48D05 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
MKC03-48D05 RSG-MKC03-48D05 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
MKC03-48D05 ASTRODYNE-MKC03-48D05 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - MKC03-48D05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
   3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com